Electronic Components Datasheet Search
  English  ▼

X  

STA330 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA330
Description  2.0 digital audio processor with FFX digital modulator and analog and digital inputs
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA330 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA330 Datasheet HTML 20Page - STMicroelectronics STA330 Datasheet HTML 21Page - STMicroelectronics STA330 Datasheet HTML 22Page - STMicroelectronics STA330 Datasheet HTML 23Page - STMicroelectronics STA330 Datasheet HTML 24Page - STMicroelectronics STA330 Datasheet HTML 25Page - STMicroelectronics STA330 Datasheet HTML 26Page - STMicroelectronics STA330 Datasheet HTML 27Page - STMicroelectronics STA330 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
Serial digital audio interface (SAI)
STA330
24/55
8
Serial digital audio interface (SAI)
8.1
Specifications
The serial-to-parallel interface and the parallel-to-serial interface can have different
sampling rates.
The following terms are used in this section:
"
BICLK active edge: Pins SDATAI, SDATAO, LRCLKI, LRCLKO always change
synchronously with BITCLK active edges. The active edge can be configured to a rising
or falling edge via register programming.
"
BICLK strobe edge: Pins SDATAI, SDATAO, LRCLKI, LRCLKO should be stable near
BICLK strobe edges, the slave device is able to use strobe edges to latch serial data
internally.
8.2
Master mode
In this mode pins BICLKI/BICLKO and pins LRCLKI/LRCLKO are configured as outputs.
Figure 10.
Master mode
Table 14.
Master mode
Symbol
Parameter
Min
Typ
Max
Unit
tDL
LRCLKI/LRCLKO propagation delay from BICLK active
edge
010
ns
tDDA
SDATAI propagation delay from BICLKI/O active edge
0
15
ns
tDST
Sdatao setup time to BICLKI/O strobing edge
10
ns
tDHT
Sdatao hold time from BICLKI/O strobing edge
10
ns
BICLKI/
BICLKO
LRCLKI/
LRCLKO
SDATAO
SDATAI
tDST
tDHT
tDL
tDDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com