Electronic Components Datasheet Search
  English  ▼

X  

STA330 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA330
Description  2.0 digital audio processor with FFX digital modulator and analog and digital inputs
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA330 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA330 Datasheet HTML 21Page - STMicroelectronics STA330 Datasheet HTML 22Page - STMicroelectronics STA330 Datasheet HTML 23Page - STMicroelectronics STA330 Datasheet HTML 24Page - STMicroelectronics STA330 Datasheet HTML 25Page - STMicroelectronics STA330 Datasheet HTML 26Page - STMicroelectronics STA330 Datasheet HTML 27Page - STMicroelectronics STA330 Datasheet HTML 28Page - STMicroelectronics STA330 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
STA330
Serial digital audio interface (SAI)
25/55
8.3
Slave mode
In this mode, pins BICLKI/O and pins LRCLKI/O are configured as inputs.
Figure 11.
Slave mode
Table 15.
Slave mode
Symbol
Parameter
Min
Typ
Max
Unit
tBCY
BICLK cycle time
50
ns
tBCH
BICLK pulse width high
20
ns
tBCL
BICLK pulse width low
20
ns
tLRSU
LRCLKI/LRCLKO setup time to BICLK strobing edge
10
ns
tLRH
LRCLKI/LRCLKO hold time to BICLK strobing edge
10
ns
tDS
SDATAO setup time to BICLK strobing edge
10
ns
tDH
SDATAO hold time to BICLK strobing edge
10
ns
tDD
SDATAI propagation delay from BICLK active edge
0
10
ns
BICLKI/
BICLKO
LRCLKI/
LRCLKO
SDATAO
SDATAI
tBCH
tBCL
tBCY
tDS
tLRH
tLRSU
tDH
tDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com