Electronic Components Datasheet Search
  English  ▼

X  

ST7FLCD1 Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 56Page - STMicroelectronics ST7FLCD1 Datasheet HTML 57Page - STMicroelectronics ST7FLCD1 Datasheet HTML 58Page - STMicroelectronics ST7FLCD1 Datasheet HTML 59Page - STMicroelectronics ST7FLCD1 Datasheet HTML 60Page - STMicroelectronics ST7FLCD1 Datasheet HTML 61Page - STMicroelectronics ST7FLCD1 Datasheet HTML 62Page - STMicroelectronics ST7FLCD1 Datasheet HTML 63Page - STMicroelectronics ST7FLCD1 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 95 page
background image
Display Data Channel Interfaces (DDC)
ST7FLCD1
60/95
11
Display Data Channel Interfaces (DDC)
11.1
Introduction
The DDC (Display Data Channel) bus interfaces are mainly used by the monitor to identify itself to
the video controller, by the monitor manufacturer to perform factory alignment, and by the user to
adjust the monitor’s parameters. Both DDC interfaces consist of:
● A fully hardware-implemented interface, supporting DDC2B (VESA specification 3.0
compliant). It accesses the ST7 on-chip memory directly through a built-in DMA engine.
● A second interface, supporting the slave I²C functions for handling DDC/CI mode (DDC2Bi),
factory alignment, HDCP, Enhanced DDC (EDDC) or other addresses by software.
Each DDC interface has its own dedicated DMA area in RAM. In the event of concurrent DMA
accesses, the DDC A cell has priority over the DDC B cell.
11.2
DDC Interface Features
11.2.1 Hardware DDC2B Interface Features
● Full hardware support for DDC2B communications (VESA specification version 3)
● Hardware detection of DDC2B addresses A0h/A1h
● Separate mapping of EDID version 1: Base (128 bytes) and Extended (128 bytes)
● Support for error recovery mechanism
● Detection of misplaced Start and Stop conditions
● Random and Sequential I²C byte read modes
● DMA transfer from any memory location and to RAM
● Automatic memory address increment
● End of data downloading flag, end of communication flag and interrupt capability
11.2.2 DDC/CI Factory Interface Features
General I²C Features
● Parallel bus /I²C protocol converter
● Interrupt generation
● Standard I²C mode
● 7-bit Addressing
I²C Slave Features
● I²C bus busy flag
● Start bit detection flag
● Detection of misplaced Start or Stop condition
● Transfer problem detection
● Address Matched detection
● 2 Programmable Address detection and/or Hardware detection of DDC/CI addresses (6Eh/
6Fh)
● End of byte transmission flag
● Transmitter/Receiver flag
● Stop condition Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com