Electronic Components Datasheet Search
  English  ▼

X  

ST7FLCD1 Datasheet(PDF) 81 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 77Page - STMicroelectronics ST7FLCD1 Datasheet HTML 78Page - STMicroelectronics ST7FLCD1 Datasheet HTML 79Page - STMicroelectronics ST7FLCD1 Datasheet HTML 80Page - STMicroelectronics ST7FLCD1 Datasheet HTML 81Page - STMicroelectronics ST7FLCD1 Datasheet HTML 82Page - STMicroelectronics ST7FLCD1 Datasheet HTML 83Page - STMicroelectronics ST7FLCD1 Datasheet HTML 84Page - STMicroelectronics ST7FLCD1 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 95 page
background image
81/95
ST7FLCD1
8-bit Timer with External Trigger (TIMB)
The four possible operating modes are described in Table 28.
Note:1. The downcounter value cannot be read.
2. Change the EXT value to exit the External One-shot mode.
TIMER B CONTROL STATUS REGISTER (TIMCSRB)
Read/Write
Reset value: (00h)
Bits [7:6] = TB[1:0] Time Base period selection
These bits are set and cleared by software.
00 Time base period = tTIMER (16µs @ 8MHz)
01 Time base period = tTIMER x 8 (128 µs @ 8 MHz)
10 Time base period = tTIMER x 16 (256 µs @ 8 MHz)
11 Reserved
Bit 5 = OVF Timer Overflow Flag
This bit is set by hardware. An interrupt is generated if OVFE = 1. It must be cleared by reading the
TIMCSRB register.
0
No timer overflow
1
The free running downcounter rolled over from 00h
Table 28: Timer Operating Mode
TAR
EXT
Timer mode
00
One-shot after the TIMCPRB register write (no auto reload)
01
One-shot after the external signal detection (no auto reload).
Only the very first external pulse triggers the countdown (Note 2)
1
0
Downcounter auto-reload when 00h reached
Downcounter reloaded with TIMCPRB register value, count-down restarts
11
One-shot for each external signal detection.
Downcounter preloaded with TIMCPRB when 00h reached.
Countdown restarts after the next external signal detection.
Table 29: Timer Controller Register Map
Address
Reset
R/W
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0038h
00h
R/W
TIMCSRB
TB1
TB0
OVF
OVFE
TAR
EXT
EDG
EEF
0039h
01h
R/W
TIMCPRB
PR7
PR6
PR5
PR4
PR3
PR2
PR1
PR0
7
0
TB1
TB0
OVF
OVFE
TAR
EXT
EDG
EEF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com