Electronic Components Datasheet Search
  English  ▼

X  

P822601 Datasheet(PDF) 4 Page - Kyocera Kinseki Corpotation

Part # P822601
Description  Universal Broadband FR4Embedded LTE / LPWAAntenna
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

P822601 Datasheet(HTML) 4 Page - Kyocera Kinseki Corpotation

  P822601 Datasheet HTML 1Page - Kyocera Kinseki Corpotation P822601 Datasheet HTML 2Page - Kyocera Kinseki Corpotation P822601 Datasheet HTML 3Page - Kyocera Kinseki Corpotation P822601 Datasheet HTML 4Page - Kyocera Kinseki Corpotation P822601 Datasheet HTML 5Page - Kyocera Kinseki Corpotation P822601 Datasheet HTML 6Page - Kyocera Kinseki Corpotation P822601 Datasheet HTML 7Page - Kyocera Kinseki Corpotation P822601 Datasheet HTML 8Page - Kyocera Kinseki Corpotation P822601 Datasheet HTML 9Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
P822601 / P822602 Universal Broadband Embedded LTE Antenna Specifications.
Ethertronics produces a wide variety of standard and custom antennas to meet user needs.
VSWR and Efficiency Plots
Typical P822601/P822602 performance 140 x 50 mm PCB
tel +(1) 858.550.3820 | fax +(1) 858.550.3821
email: info@ethertronics.com
5501 Oberlin Drive, Suite 100 San Diego, CA 92121 - USA
Low Band VSWR
Low Band Efficiency
High Band VSWR
High Band Efficiency
High High Band VSWR
High High Band Efficiency
© 2018 Ethertronics
DATASHEET | Part No. P822601 / P822602



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com