Electronic Components Datasheet Search
  English  ▼

X  

P822601 Datasheet(PDF) 9 Page - Kyocera Kinseki Corpotation

Part # P822601
Description  Universal Broadband FR4Embedded LTE / LPWAAntenna
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

P822601 Datasheet(HTML) 9 Page - Kyocera Kinseki Corpotation

Back Button P822601 Datasheet HTML 5Page - Kyocera Kinseki Corpotation P822601 Datasheet HTML 6Page - Kyocera Kinseki Corpotation P822601 Datasheet HTML 7Page - Kyocera Kinseki Corpotation P822601 Datasheet HTML 8Page - Kyocera Kinseki Corpotation P822601 Datasheet HTML 9Page - Kyocera Kinseki Corpotation P822601 Datasheet HTML 10Page - Kyocera Kinseki Corpotation P822601 Datasheet HTML 11Page - Kyocera Kinseki Corpotation P822601 Datasheet HTML 12Page - Kyocera Kinseki Corpotation P822601 Datasheet HTML 13Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
P822601 / P822602 Universal Broadband Embedded LTE Antenna Specifications.
Ethertronics produces a wide variety of standard and custom antennas to meet user needs.
tel +(1) 858.550.3820 | fax +(1) 858.550.3821
email: info@ethertronics.com
5501 Oberlin Drive, Suite 100 San Diego, CA 92121 - USA
698-960 MHz Tuning
1710-2700 MHz Tuning
P1
S1
P2
P3
S2
P4
R1-R4
R5-R9
Default Matching
24nH
2.4pF
DNI
DNI
1.0nH
0.3pF
DNI
DNI
Tolerance
± 20%
± 0.25pF
N/A
N/A
± 0.3nH
± 0.1pF
N/A
N/A
Antenna Matching
Demo Board Front View
Demo Board Back View
(Antenna Matching):
pads are directly inline with
the antenna feed trace.
Via
[ P2 ]
[ P1 ]
[ P3 ]
[ P4 ]
[ R5 ]
[ R6 ]
[ R7 ]
[ R8 ]
[ R2 ]
[ R9 ]
[ R3 ]
© 2018 Ethertronics
1
2
3
4
5
6
7
P1
S1
P2
P3
P4
S2
R1
R2
R3
R4
R5
R6
R7
R8
R9
50ohm
(1710
– 2700 MHz Tuning)
(698
– 960 MHz Tuning)
(Antenna Matching)
Via
Pin# Description
1
Feed
2
Ground
3
Dummy Pad
4
Low Band Tuning
5
High Band Tuning
6
Dummy Pad
7
Dummy Pad
Pin Descriptions
*P822602 uses same matching values
DATASHEET | Part No. P822601 / P822602
Antenna Matching Structure (P822601)
Typical matching values on 140 x 50 mm PCB
Pin #4
Pin #3
Pin #2
Pin #1
Pin #5
Pin #6
Pin #7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com