Electronic Components Datasheet Search
  English  ▼

X  

TPS38 Datasheet(PDF) 30 Page - Texas Instruments

Part # TPS38
Description  TPS38-Q1 Wide VIN 65 V Dual Channel Overvoltage or Undervoltage (OV or UV) Detector with Programmable Sense and Reset Function for Automotive
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS38 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPS38 Datasheet HTML 26Page - Texas Instruments TPS38 Datasheet HTML 27Page - Texas Instruments TPS38 Datasheet HTML 28Page - Texas Instruments TPS38 Datasheet HTML 29Page - Texas Instruments TPS38 Datasheet HTML 30Page - Texas Instruments TPS38 Datasheet HTML 31Page - Texas Instruments TPS38 Datasheet HTML 32Page - Texas Instruments TPS38 Datasheet HTML 33Page - Texas Instruments TPS38 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
9.3.1.3 Application Curves
V_SENSE
RESET_B
Figure 9-3. Undervoltage Reset Waveform
V_SENSE
RESET_B
Figure 9-4. Undervoltage Recovery Waveform
9.4 Power Supply Recommendations
These devices are designed to operate from an input supply with a voltage range between 1.4 V (VPOR) to 65 V
(max operation). Good analog design practice recommends placing a minimum 0.1 µF ceramic capacitor as near
as possible to the VDD pin.
9.4.1 Power Dissipation and Device Operation
The permissible power dissipation for any package is a measure of the capability of the device to pass heat from
the power source, the junctions of the IC, to the ultimate heat sink, the ambient environment. Thus, the power
TPS38-Q1
SNVSBI8E – AUGUST 2020 – REVISED AUGUST 2023
www.ti.com
30
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS38-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com