Electronic Components Datasheet Search
  English  ▼

X  

TPS38 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS38
Description  TPS38-Q1 Wide VIN 65 V Dual Channel Overvoltage or Undervoltage (OV or UV) Detector with Programmable Sense and Reset Function for Automotive
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS38 Datasheet(HTML) 4 Page - Texas Instruments

  TPS38 Datasheet HTML 1Page - Texas Instruments TPS38 Datasheet HTML 2Page - Texas Instruments TPS38 Datasheet HTML 3Page - Texas Instruments TPS38 Datasheet HTML 4Page - Texas Instruments TPS38 Datasheet HTML 5Page - Texas Instruments TPS38 Datasheet HTML 6Page - Texas Instruments TPS38 Datasheet HTML 7Page - Texas Instruments TPS38 Datasheet HTML 8Page - Texas Instruments TPS38 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
6 Pin Configuration and Functions
1
2
3
4
5
10
9
8
7
6
VDD
SENSE1
SENSE2
GND
CTR2/MR
RESET2_UVOD
CTR1/MR
CTS1
CTS2
RESET2_UVOD
RESET1_UV##
RESET1_UV##
## OD (Open-Drain) or PP (Push-Pull)
* Pin 4 Options
** Pin 5 Options
1.
2.
1.
2.
*
**
RESET1_OV##
3.
RESET1_OV##
4.
RESET2_OVOD
RESET2_OVOD
3.
4.
Figure 6-1. DSK Package,
10-Pin WSON,
TPS38-Q1 (Top View)
1
VDD
2
NC
3
SENSE1
4
SENSE2
5
NC
6
*
7
**
14
NC
13
12
11
10
9
8
GND
CTR2/MR
CTS2
CTS1
CTR1/MR
GND
RESET2_UVOD
RESET2_UVOD
RESET1_UV##
RESET1_UV##
## OD (Open-Drain) or PP (Push-Pull)
* Pin 6 Options
** Pin 7 Options
1.
2.
1.
2.
RESET1_OV##
3.
RESET1_OV##
4.
RESET2_OVOD
RESET2_OVOD
3.
4.
Figure 6-2. DYY Package,
14-Pin SOT-23,
TPS38-Q1 (Top View)
TPS38-Q1
SNVSBI8E – AUGUST 2020 – REVISED AUGUST 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS38-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com