Electronic Components Datasheet Search
  English  ▼

X  

8740 Datasheet(PDF) 1 Page - Wera Tools

Part # 8740
Description  8740 A HF 1 Zyklop bit socket set, with holding function, 1/4" drive, 5 pieces
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WERA [Wera Tools]
Direct Link  https://www-de.wera.de/en/
Logo WERA - Wera Tools

8740 Datasheet(HTML) 1 Page - Wera Tools

  8740 Datasheet HTML 1Page - Wera Tools 8740 Datasheet HTML 2Page - Wera Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8740 A HF 1 Zyklop bit socket set, with holding function, 1/4" drive, 5 pieces
Innovations and Autumn/Winter Campaign 2017/2018
EAN:
4013288191007
Size:
125x115x35 mm
Part number:
05003345001
Weight:
279 g
Article number:
8740 A HF 1
Country of origin:
CZ
Customs tariff
number:
82079030
Compact textile box with high robustness, low weight and volume
Bit socket (non-impact) for manual or power tool operations
The holding function holds screws securely on the tool
Take it easy tool finder with colour coding according to sizes
Knurling on lower socket end for more grip when used manually
Bit socket set, hexagon socket, with holding function for particularly convenient screwdriving with reduced risk of losing the screw when addressing
the workpiece.
Web link
http://products.wera.de/en/zyklop_ratchets_and_accessories_the_zyklop_ratchets_the_zyklop_ratchets_1_4_zyklop_accessories_1_4_8740_a_hf_1.html
Wera - 8740 A HF 1
05003345001 - 4013288191007
Wera Werkzeuge GmbH
Korzerter Straße 21-25
D-42349 Wuppertal
Tel: +49 (0)2 02 / 40 45-0
E-Mail: info@wera.de
02.08.2018 - 1 / 2


Similar Part No. - 8740

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8740 BELDEN-8740 Datasheet
169Kb / 2P
Electronic, 1 Pr #22 Sol TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8740.060U1000 BELDEN-8740.060U1000 Datasheet
169Kb / 2P
Electronic, 1 Pr #22 Sol TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8740.060U500 BELDEN-8740.060U500 Datasheet
169Kb / 2P
Electronic, 1 Pr #22 Sol TC, PVC Ins, PVC Jkt, CMG
01-20-2023
logo
Integrated Device Techn...
874001AGI-05LF IDT-874001AGI-05LF Datasheet
327Kb / 17P
PCI EXPRESS??JITTER ATTENUATOR
874001AGI-05LF IDT-874001AGI-05LF Datasheet
850Kb / 18P
PCI Express??Jitter Attenuator
More results

Similar Description - 8740

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8550 PHILIPS-PCA8550 Datasheet
87Kb / 12P
4-bit multiplexed/1-bit latched 5-bit I2C EEPROM
1998 Sep 29
logo
Sanyo Semicon Device
LC75804E SANYO-LC75804E Datasheet
297Kb / 37P
1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
Nais(Matsushita Electri...
AQV101 NAIS-AQV101 Datasheet
60Kb / 5P
HF (High Function) Type [1-Channel (Form A) Type]
logo
List of Unclassifed Man...
LD120 ETC-LD120 Datasheet
2Mb / 9P
4 1/2 Digit A/D Converter Set
logo
Panasonic Semiconductor
AN80P50RS PANASONIC-AN80P50RS Datasheet
307Kb / 28P
5-pin, low dropout voltage regulator with standby function (1 A type)
logo
Sanyo Semicon Device
L88R05 SANYO-L88R05_10 Datasheet
323Kb / 6P
5 V, 1 A Voltage-regulator ICs with Reset Function
logo
TE Connectivity Ltd
REL TEC-REL Datasheet
234Kb / 2P
1 pole 5 A, 1 form A (NO) contact
logo
Princeton Technology Co...
PT16557 PTC-PT16557 Datasheet
617Kb / 8P
1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
WAGO Kontakttechnik Gmb...
2002-172 WAGO-2002-172 Datasheet
171Kb / 3P
Insulation stop; 0.75 - 1 mm짼; 5 pieces/strip; dark gray
24.11.2021
logo
SparkFun Electronics
ROB-12488 SPARKFUN-ROB-12488 Datasheet
94Kb / 1P
Set Screw Hub - 1/4 Bore
2/5/2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com