Electronic Components Datasheet Search
  English  ▼

X  

8740 Datasheet(PDF) 2 Page - Wera Tools

Part # 8740
Description  8740 A HF 1 Zyklop bit socket set, with holding function, 1/4" drive, 5 pieces
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WERA [Wera Tools]
Direct Link  https://www-de.wera.de/en/
Logo WERA - Wera Tools

8740 Datasheet(HTML) 2 Page - Wera Tools

  8740 Datasheet HTML 1Page - Wera Tools 8740 Datasheet HTML 2Page - Wera Tools  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
8740 A HF 1 Zyklop bit socket set, with holding function, 1/4" drive, 5 pieces
Innovations and Autumn/Winter Campaign 2017/2018
Set contents:
8740 A HF
05003334001
1 x 4.0x100.0
05003336001
1 x 5.0x100.0
05003338001
1 x 6.0x100.0
05003342001
1 x 7.0x100.0
05003340001
1 x 8.0x100.0
Klettstreifen 70
11990176
1 x 50.0x70.0
11990176
1 x 50.0x70.0
11990176
1 x 50.0x70.0
Bit sockets with retaining
function for hexagon socket
screws
Zyklop Accessories
Take it easy tool finder system
Manual and machine sockets
The clamping of the screw is
achieved by a flexible locking ball.
The holding function is especially
helpful in confined, hard-to-reach
spaces, where there is no room for
a second hand to secure the
screw.
We did not just want our creativity
to
end
with
the
ratchets
themselves so we also occupied
ourselves intensively with ratchet
accessories. That is why our users
are
now
provided
with
an
extension with freely spinning
sleeve and flexible lock to enable
more secure and more rapid
screwdriving. The sockets have
been completely redesigned: we
wanted to spare the user the need
of having two different series –
one for manual and the other for
power tool applications. And: we
wanted to enormous simplify the
task of finding the right sizes.
Technically, our own ambitious
goals represented a real challenge:
to
endow
sockets
with
the
advantage of the holding function
on screwdrivers and bits. We
succeeded in this!
Take it easy tool finder system -
with profile and size colour-coding
for quick and easy tool selection.
Colour-coded system for hexagon
drive screws (L-Keys, Zyklop bit
sockets), external hex drive screws
and nuts (Joker wrenches, Zyklop
sockets and Zyklop bit sockets
with holding function), and TORX®
drive screws (L-Keys, Zyklop bit
sockets).
The manual and machine sockets
can be used both for hand and
power tools use (non-impact).
Users need just one socket set for
all applications.
Web link
http://products.wera.de/en/zyklop_ratchets_and_accessories_the_zyklop_ratchets_the_zyklop_ratchets_1_4_zyklop_accessories_1_4_8740_a_hf_1.html
Wera - 8740 A HF 1
05003345001 - 4013288191007
Wera Werkzeuge GmbH
Korzerter Straße 21-25
D-42349 Wuppertal
Tel: +49 (0)2 02 / 40 45-0
E-Mail: info@wera.de
02.08.2018 - 2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com