Electronic Components Datasheet Search
  English  ▼

X  

M25PE40 Datasheet(PDF) 49 Page - Numonyx B.V

Part # M25PE40
Description  4 Mbit, page-erasable serial Flash memory with byte alterability, 75 MHz SPI bus, standard pinout
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE40 Datasheet(HTML) 49 Page - Numonyx B.V

Back Button M25PE40 Datasheet HTML 45Page - Numonyx B.V M25PE40 Datasheet HTML 46Page - Numonyx B.V M25PE40 Datasheet HTML 47Page - Numonyx B.V M25PE40 Datasheet HTML 48Page - Numonyx B.V M25PE40 Datasheet HTML 49Page - Numonyx B.V M25PE40 Datasheet HTML 50Page - Numonyx B.V M25PE40 Datasheet HTML 51Page - Numonyx B.V M25PE40 Datasheet HTML 52Page - Numonyx B.V M25PE40 Datasheet HTML 53Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
M25PE40
DC and AC parameters
49/62
Table 20.
AC characteristics (33 MHz operation)
33 MHz only available for products marked since week 40 of 2005(1)
Test conditions specified in Table 14 and Table 15
Symbol
Alt.
Parameter
Min.
Typ.
Max.
Unit
fC
fC
Clock frequency for the following instructions:
FAST_READ, PW, PP, PE, SE, DP, RDP, WREN,
WRDI, RDSR
D.C.
33
MHz
fR
Clock frequency for READ instructions
D.C.
20
MHz
tCH
(2)
tCLH
Clock High time
13
ns
tCL
(2)
tCLL
Clock Low time
13
ns
Clock Slew Rate (peak to peak)
0.1
V/ns
tSLCH
tCSS
S Active Setup time (relative to C)
10
ns
tCHSL
S Not Active Hold time (relative to C)
10
ns
tDVCH
tDSU
Data In Setup time
3
ns
tCHDX
tDH
Data In Hold time
5
ns
tCHSH
S Active Hold time (relative to C)
5
ns
tSHCH
S Not Active Setup time (relative to C)
5
ns
tSHSL
tCSH
S Deselect time
100
ns
tSHQZ
(3)
tDIS
Output Disable time
12
ns
tCLQV
tV
Clock Low to Output Valid
12
ns
tCLQX
tHO
Output Hold time
0
ns
tTHSL
Top Sector Lock Setup time
50
ns
tSHTL
Top Sector Lock Hold time
100
ns
tDP
(3)
S to Deep Power-down
3
µs
tRDP
(3)
S High to Standby Power mode
30
µs
tPW
(4)
Page Write cycle time (256 bytes)
11
25
ms
Page Write cycle time (n bytes)
10.2+
n*0.8/256
tPP
(4)
Page Program cycle time (256 bytes)
1.2
5ms
Page Program cycle time (n bytes)
0.4+
n*0.8/256
tPE
Page Erase cycle time
10
20
ms
tSE
Sector Erase cycle time
1
5
s
1.
Details of how to find the date of marking are given in application note, AN1995.
2.
tCH + tCL must be greater than or equal to 1/ fC.
3.
Value guaranteed by characterization, not 100% tested in production.
4.
When using PP and PW instructions to update consecutive bytes, optimized timings are obtained with one sequence
including all the bytes versus several sequences of only a few bytes (1
≤ n ≤ 256).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com