Electronic Components Datasheet Search
  English  ▼

X  

M25PE40 Datasheet(PDF) 21 Page - Numonyx B.V

Part # M25PE40
Description  4 Mbit, page-erasable serial Flash memory with byte alterability, 75 MHz SPI bus, standard pinout
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE40 Datasheet(HTML) 21 Page - Numonyx B.V

Back Button M25PE40 Datasheet HTML 17Page - Numonyx B.V M25PE40 Datasheet HTML 18Page - Numonyx B.V M25PE40 Datasheet HTML 19Page - Numonyx B.V M25PE40 Datasheet HTML 20Page - Numonyx B.V M25PE40 Datasheet HTML 21Page - Numonyx B.V M25PE40 Datasheet HTML 22Page - Numonyx B.V M25PE40 Datasheet HTML 23Page - Numonyx B.V M25PE40 Datasheet HTML 24Page - Numonyx B.V M25PE40 Datasheet HTML 25Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
M25PE40
Instructions
21/62
6.1
Write Enable (WREN)
The Write Enable (WREN) instruction (Figure 7) sets the Write Enable Latch (WEL) bit.
The Write Enable Latch (WEL) bit must be set prior to every Page Write (PW), Page
Program (PP), Page Erase (PE), and Sector Erase (SE) instruction.
The Write Enable (WREN) instruction is entered by driving Chip Select (S) Low, sending the
instruction code, and then driving Chip Select (S) High.
Figure 7.
Write Enable (WREN) instruction sequence
C
D
AI02281E
S
Q
2
1
34567
High Impedance
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com