Electronic Components Datasheet Search
  English  ▼

X  

4600 Datasheet(PDF) 1 Page - tesa SE - A Beiersdorf Company

Part # 4600
Description  tesa® Professional 4600 Xtreme Conditions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESA [tesa SE - A Beiersdorf Company]
Direct Link  https://www.tesa.com/
Logo TESA - tesa SE - A Beiersdorf Company

4600 Datasheet(HTML) 1 Page - tesa SE - A Beiersdorf Company

  4600 Datasheet HTML 1Page - tesa SE - A Beiersdorf Company 4600 Datasheet HTML 2Page - tesa SE - A Beiersdorf Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
tesa® Professional 4600
Xtreme Conditions
Product Information
Self-welding silicon tape for an instant hermetic seal
tesa® 4600 is a self-welding silicon tape that is glued onto its own base. The flexible material fits tightly to various surfaces,
thus providing an instant hermetic seal. The self-welding repair tape can be used both indoors and outdoors and also
achieves reliable results on oily, dirty or wet surfaces. Even the application under water is possible. The silicon base
ensures that the robust tape provides a high resistance to various chemicals, oils, acids, solvents, salt water, UV exposure
and high temperatures (from -65° C to +260° C). The silicon tape can also be used for temporary bonds and can be
removed at any time without problems. tesa® 4600 is a true jack of all trades and is used by professional craftsmen for
many kinds of tasks, e.g. insulating cables or for short-term repairs of water pipes.
Main Application
• Insulating and protecting wiring and connections
• Sealing applications in engine compartment
• Various bundling, securing, wrapping applications in the marine industry
• Wrap hydraulic fittings and other exposed metal connections to help prevent corrosion
• Masking applications in powder coating, liquid coating, e-coating, anodizing and plating
• Automotive applications for wire harness, general repairs
• Marine applications for boat rigging or securing ends of rope
Technical Information (average values)
The values in this section should be considered representative or typical only and should not be used for specification
purposes.
Technical Data
• Backing material
stretchable
specialty
• Total thickness
500 µm
• Elongation at break
750 %
• Tensile strength
33 N/cm
• Temperature resistance min.
-60 °C
• Temperature resistance max.
260 °C
• Dielectric breakdown voltage
8000 volt
Properties
• Hand tearability
• Easy to remove
Yes
• Abrasion resistance
• Water resistance
Evaluation across relevant tesa® assortment:  
 very good    
 good    
 medium      low
For latest information on this product please visit
http://l.tesa.com/?ip=04600


Similar Part No. - 4600

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4600 3M-4600 Datasheet
45Kb / 4P
100 X 100, Plug
19-Feb-1999
logo
Murata Power Solutions ...
4600 MURATA-PS-4600 Datasheet
148Kb / 3P
Shielded Surface Mount Power Inductors
logo
Festo Corporation.
4600 FESTO-4600 Datasheet
90Kb / 1P
Pressure gauge
logo
List of Unclassifed Man...
4600 ETC-4600 Datasheet
44Kb / 1P
High Q, high self-resonant frequency
logo
Heyco.
4600 HEYCO-4600 Datasheet
360Kb / 1P
Heyco®-Tite EMC Brass Liquid Tight Cordgrips
More results

Similar Description - 4600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
71030 ETC2-71030 Datasheet
3Mb / 1P
Professional Tools for Professional Results
logo
STMicroelectronics
STM8L151X6 STMICROELECTRONICS-STM8L151X6 Datasheet
2Mb / 146P
Operating conditions
15-Feb-2017
STM8TL52X4 STMICROELECTRONICS-STM8TL52X4 Datasheet
1Mb / 84P
Operating conditions
01-Jul-2015
STM32F358XC STMICROELECTRONICS-STM32F358XC Datasheet
2Mb / 134P
Operating conditions
17-Apr-2015
logo
Kemet Corporation
SSHB10HS-R17046 KEMET-SSHB10HS-R17046 Datasheet
105Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 4600 uH
SSHB21H-20046 KEMET-SSHB21H-20046 Datasheet
102Kb / 1P
KEMET, SSHB21H, Commercial Grade, 4600 uH
logo
AAEON Technology
UPX-EDGE-ADLPI7-A10-16128 AAEON-UPX-EDGE-ADLPI7-A10-16128 Datasheet
473Kb / 2P
UP Xtreme i12 system with 12th generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2023/02/16
UPX-EDGEI7-A10-1664-F01 AAEON-UPX-EDGEI7-A10-1664-F01 Datasheet
631Kb / 2P
UP Xtreme Edge Computing System
UPX-WHLI7-A20-16064 AAEON-UPX-WHLI7-A20-16064 Datasheet
859Kb / 2P
UP Xtreme developer board with Intel® WHL-U Core™ i7/i5/i3/Celeron® Processor SoC
logo
ebm-papst
4600N-466 EBMPAPST-4600N-466 Datasheet
450Kb / 9P
Product Data Sheet 4600 N-466
06/30/2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com