Electronic Components Datasheet Search
  English  ▼

X  

4600 Datasheet(PDF) 2 Page - tesa SE - A Beiersdorf Company

Part # 4600
Description  tesa® Professional 4600 Xtreme Conditions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESA [tesa SE - A Beiersdorf Company]
Direct Link  https://www.tesa.com/
Logo TESA - tesa SE - A Beiersdorf Company

4600 Datasheet(HTML) 2 Page - tesa SE - A Beiersdorf Company

  4600 Datasheet HTML 1Page - tesa SE - A Beiersdorf Company 4600 Datasheet HTML 2Page - tesa SE - A Beiersdorf Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
tesa® Professional 4600
Xtreme Conditions
Product Information
Additional Information
• Stretch the tape to at least double its normal length. Apply it tight on the surface and overlap it tight around itself
• To serve the best purpose for standard electrical applications wrap 3 time with 100% overlapping.
• For high pressure leaks (e.g. sealing of pipes) the tape should be stretched very tight and several layers should be
used. Depending on the leak and pipe material the tape can withstand a pressure of 12 bar max.
Please use max. 4 layers with approx. 100mm tape on both sides of the damaged pipe
• Due to the self-fusing process, after applying the tape on itself, a permanent bond is created. Therefore, the tape
can be used once.
• Please be aware: Xtreme Condition is not compatible with drinking water
Disclaimer
tesa® products prove their impressive quality day in, day out in demanding conditions and are regularly subjected to strict
controls. All information and recommendations are provided to the best of our knowledge on the basis of our practical
experience. Nevertheless tesa SE can make no warranties, express or implied, including, but not limited to any implied
warranty of merchantability or fitness for a particular purpose. Therefore, the user is responsible for determining whether
the tesa® product is fit for a particular purpose and suitable for the user’s method of application. If you are in any doubt, our
technical support staff will be glad to support you.
For latest information on this product please visit
http://l.tesa.com/?ip=04600



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com