Electronic Components Datasheet Search
  English  ▼

X  

M29DW640F Datasheet(PDF) 39 Page - Numonyx B.V

Part # M29DW640F
Description  64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29DW640F Datasheet(HTML) 39 Page - Numonyx B.V

Back Button M29DW640F Datasheet HTML 35Page - Numonyx B.V M29DW640F Datasheet HTML 36Page - Numonyx B.V M29DW640F Datasheet HTML 37Page - Numonyx B.V M29DW640F Datasheet HTML 38Page - Numonyx B.V M29DW640F Datasheet HTML 39Page - Numonyx B.V M29DW640F Datasheet HTML 40Page - Numonyx B.V M29DW640F Datasheet HTML 41Page - Numonyx B.V M29DW640F Datasheet HTML 42Page - Numonyx B.V M29DW640F Datasheet HTML 43Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
M29DW640F
DC and AC parameters
39/74
8
DC and AC parameters
This section summarizes the operating measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics Tables that
follow, are derived from tests performed under the Measurement Conditions summarized in
Table 13: Operating and AC measurement conditions. Designers should check that the
operating conditions in their circuit match the operating conditions when relying on the
quoted parameters.
Figure 8.
AC measurement I/O waveform
Table 13.
Operating and AC measurement conditions
Parameter
M29DW640F
Unit
60
70
Min
Max
Min
Max
VCC Supply voltage
2.7
3.6
2.7
3.6
V
Ambient Operating Temperature
–40
85
–40
85
°C
Load capacitance (CL)30
30
pF
Input Rise and Fall times
10
10
ns
Input pulse voltages
0 to VCC
0 to VCC
V
Input and Output Timing Ref. voltages
VCC/2
VCC/2
V
AI05557
VCC
0V
VCC/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com