Electronic Components Datasheet Search
  English  ▼

X  

M29DW640F Datasheet(PDF) 49 Page - Numonyx B.V

Part # M29DW640F
Description  64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29DW640F Datasheet(HTML) 49 Page - Numonyx B.V

Back Button M29DW640F Datasheet HTML 45Page - Numonyx B.V M29DW640F Datasheet HTML 46Page - Numonyx B.V M29DW640F Datasheet HTML 47Page - Numonyx B.V M29DW640F Datasheet HTML 48Page - Numonyx B.V M29DW640F Datasheet HTML 49Page - Numonyx B.V M29DW640F Datasheet HTML 50Page - Numonyx B.V M29DW640F Datasheet HTML 51Page - Numonyx B.V M29DW640F Datasheet HTML 52Page - Numonyx B.V M29DW640F Datasheet HTML 53Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 74 page
background image
M29DW640F
DC and AC parameters
49/74
Figure 14.
Toggle and Alternative Toggle Bits mechanism, Chip Enable controlled
1.
The Toggle Bit is output on DQ6.
2.
The Alternative Toggle Bit is output on DQ2.
3.
Refer to
Table 16: Read AC characteristics for tELQV value.
Figure 15.
Toggle and Alternative Toggle Bits mechanism, Output Enable controlled
1.
The Toggle Bit is output on DQ6.
4.
The Alternative Toggle Bit is output on DQ2.
5.
Refer to
Table 16: Read AC characteristics for tGLQV value.
AI08914d
G
A0-A21
A-1
DQ2(1)/DQ6(2)
E
tAXEL
tELQV
Data
Data
Toggle/
Alternative Toggle Bit
tELQV
Address in the Bank
Being Programmed or Erased
Read Operation outside the Bank
Being Programmed or Erased
Address Outside the Bank
Being Programmed or Erased
Address Outside the Bank
Being Programmed or Erased
Toggle/
Alternative Toggle Bit
Read Operation Outside the Bank
Being Programmed or Erased
Read Operation in the Bank
Being Programmed or Erased
AI08915d
G
A0-A21
A-1
DQ2(1)/DQ6(2)
E
tAXGL
tGLQV
Data
Data
Toggle/
Alternative Toggle Bit
tGLQV
Address in the Bank
Being Programmed or Erased
Read Operation outside the Bank
Being Programmed or Erased
Address Outside the Bank
Being Programmed or Erased
Address Outside the Bank
Being Programmed or Erased
Toggle/
Alternative Toggle Bit
Read Operation Outside the Bank
Being Programmed or Erased
Read Operation in the Bank
Being Programmed or Erased



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com