Electronic Components Datasheet Search
  English  ▼

X  

25P10AV Datasheet(PDF) 12 Page - Numonyx B.V

Part # 25P10AV
Description  1 Mbit, serial Flash memory, 50 MHz SPI bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

25P10AV Datasheet(HTML) 12 Page - Numonyx B.V

Back Button 25P10AV Datasheet HTML 8Page - Numonyx B.V 25P10AV Datasheet HTML 9Page - Numonyx B.V 25P10AV Datasheet HTML 10Page - Numonyx B.V 25P10AV Datasheet HTML 11Page - Numonyx B.V 25P10AV Datasheet HTML 12Page - Numonyx B.V 25P10AV Datasheet HTML 13Page - Numonyx B.V 25P10AV Datasheet HTML 14Page - Numonyx B.V 25P10AV Datasheet HTML 15Page - Numonyx B.V 25P10AV Datasheet HTML 16Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
Operating features
M25P10-A
12/51
4.5
Status Register
The Status Register contains a number of status and control bits, as shown in Table 6, that
can be read or set (as appropriate) by specific instructions. For a detailed description of the
Status Register bits, see Section 6.4: Read Status Register (RDSR).
4.6
Protection modes
The environments where non-volatile memory devices are used can be very noisy. No SPI
device can operate correctly in the presence of excessive noise. To help combat this, the
M25P10-A features the following data protection mechanisms:
●
Power On Reset and an internal timer (tPUW) can provide protection against inadvertent
changes while the power supply is outside the operating specification.
●
Program, Erase and Write Status Register instructions are checked that they consist of
a number of clock pulses that is a multiple of eight, before they are accepted for
execution.
●
All instructions that modify data must be preceded by a Write Enable (WREN)
instruction to set the Write Enable Latch (WEL) bit. This bit is returned to its reset state
by the following events:
–Power-up
–
Write Disable (WRDI) instruction completion
–
Write Status Register (WRSR) instruction completion
–
Page Program (PP) instruction completion
–
Sector Erase (SE) instruction completion
–
Bulk Erase (BE) instruction completion
●
The Block Protect (BP1, BP0) bits allow part of the memory to be configured as read-
only. This is the Software Protected mode (SPM).
●
The Write Protect (W) signal, in co-operation with the Status Register Write Disable
(SRWD) bit, allows the Block Protect (BP1, BP0) bits and Status Register Write Disable
(SRWD) bit to be write-protected. This is the Hardware Protected mode (HPM).
●
In addition to the low power consumption feature, the Deep Power-down mode offers
extra software protection, as all write, program and erase instructions are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com