Electronic Components Datasheet Search
  English  ▼

X  

25P10AV Datasheet(PDF) 23 Page - Numonyx B.V

Part # 25P10AV
Description  1 Mbit, serial Flash memory, 50 MHz SPI bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

25P10AV Datasheet(HTML) 23 Page - Numonyx B.V

Back Button 25P10AV Datasheet HTML 19Page - Numonyx B.V 25P10AV Datasheet HTML 20Page - Numonyx B.V 25P10AV Datasheet HTML 21Page - Numonyx B.V 25P10AV Datasheet HTML 22Page - Numonyx B.V 25P10AV Datasheet HTML 23Page - Numonyx B.V 25P10AV Datasheet HTML 24Page - Numonyx B.V 25P10AV Datasheet HTML 25Page - Numonyx B.V 25P10AV Datasheet HTML 26Page - Numonyx B.V 25P10AV Datasheet HTML 27Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
M25P10-A
Instructions
23/51
Regardless of the order of the two events, the Hardware Protected mode (HPM) can be
entered:
●
by setting the Status Register Write Disable (SRWD) bit after driving Write Protect (W)
Low
●
or by driving Write Protect (W) Low after setting the Status Register Write Disable
(SRWD) bit.
The only way to exit the Hardware Protected mode (HPM) once entered is to pull Write
Protect (W) High.
If Write Protect (W) is permanently tied High, the Hardware Protected mode (HPM) can
never be activated, and only the Software Protected mode (SPM), using the Block Protect
(BP1, BP0) bits of the Status Register, can be used.
Figure 11.
Write Status Register (WRSR) instruction sequence
Table 7.
Protection modes
W
signal
SRWD
bit
Mode
Write protection of the
Status Register
Memory content
Protected area(1)
1.
As defined by the values in the Block Protect (BP1, BP0) bits of the Status Register, as shown in Table 2.
Unprotected
area(1)
10
Software
protected
(SPM)
Status Register is writable (if
the WREN instruction has set
the WEL bit)
The values in the SRWD, BP1
and BP0 bits can be changed
Protected against
Page Program,
Sector Erase and
Bulk Erase
Ready to accept
Page Program
and Sector Erase
instructions
00
11
01
Hardware
protected
(HPM)
Status Register is hardware
write protected
The values in the SRWD, BP1
and BP0 bits cannot be
changed
Protected against
Page Program,
Sector Erase and
Bulk Erase
Ready to accept
Page Program
and Sector Erase
instructions
C
D
AI02282D
S
Q
2
1
3456789 10 11 12 13 14 15
High Impedance
Instruction
Status
Register In
0
765432
0
1
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com