Electronic Components Datasheet Search
  English  ▼

X  

M28W640FCT Datasheet(PDF) 1 Page - Numonyx B.V

Part # M28W640FCT
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W640FCT Datasheet(HTML) 1 Page - Numonyx B.V

  M28W640FCT Datasheet HTML 1Page - Numonyx B.V M28W640FCT Datasheet HTML 2Page - Numonyx B.V M28W640FCT Datasheet HTML 3Page - Numonyx B.V M28W640FCT Datasheet HTML 4Page - Numonyx B.V M28W640FCT Datasheet HTML 5Page - Numonyx B.V M28W640FCT Datasheet HTML 6Page - Numonyx B.V M28W640FCT Datasheet HTML 7Page - Numonyx B.V M28W640FCT Datasheet HTML 8Page - Numonyx B.V M28W640FCT Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
December 2007
Rev 4
1/69
1
M28W320FCT
M28W320FCB
32 Mbit (2Mb x16, Boot Block)
3V Supply Flash Memory
Features
■ Supply Voltage
–VDD = 2.7V to 3.6V Core Power Supply
–VDDQ= 1.65V to 3.6V for Input/Output
–VPP = 12V for fast Program (optional)
■ Access Time: 70, 80, 90, 100ns
■ Programming Time
– 10µs typical
– Double Word Programming Option
– Quadruple Word Programming Option
■ Common Flash Interface
■ Memory Blocks
– Parameter Blocks (Top or Bottom location)
– Main Blocks
■ Block Locking
– All blocks locked at Power Up
– Any combination of blocks can be locked
–WP for Block Lock-Down
■ Security
– 128 bit user Programmable OTP cells
– 64 bit unique device identifier
■ Automatic Stand-by mode
■ Program and Erase Suspend
■ 100,000 Program/Erase cycles per block
■ Electronic Signature
– Manufacturer Code: 20h
– Top Device Code, M28W320FCT: 88BAh
– Bottom Device Code, M28W320FCB:
88BBh
■ ECOPACK® packages
TSOP48 (N)
12 x 20mm
FBGA
TFBGA47 (ZB)
6.39 x 6.37mm
www.numonyx.com


Similar Part No. - M28W640FCT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W640FCT STMICROELECTRONICS-M28W640FCT Datasheet
1Mb / 55P
64 Mbit (4Mb x16, Boot Block) 3V Supply Flash Memory
08-Apr-2005
M28W640FCT STMICROELECTRONICS-M28W640FCT Datasheet
534Kb / 77P
64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
23-Oct-2006
M28W640FCT10N1E STMICROELECTRONICS-M28W640FCT10N1E Datasheet
534Kb / 77P
64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
23-Oct-2006
M28W640FCT10N1F STMICROELECTRONICS-M28W640FCT10N1F Datasheet
534Kb / 77P
64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
23-Oct-2006
M28W640FCT10N6E STMICROELECTRONICS-M28W640FCT10N6E Datasheet
534Kb / 77P
64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
23-Oct-2006
More results

Similar Description - M28W640FCT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
13-Jun-2006
M58LW032A STMICROELECTRONICS-M58LW032A Datasheet
856Kb / 61P
32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
11-Feb-2003
M58LW032C STMICROELECTRONICS-M58LW032C Datasheet
845Kb / 61P
32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
29-Apr-2003
M28W320ECT STMICROELECTRONICS-M28W320ECT Datasheet
832Kb / 53P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
29-Apr-2003
M29W320ET STMICROELECTRONICS-M29W320ET Datasheet
887Kb / 46P
32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
14-Mar-2005
M28W320EBT STMICROELECTRONICS-M28W320EBT Datasheet
299Kb / 45P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
03-Oct-2002
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
17-May-2000
M28W320FCT STMICROELECTRONICS-M28W320FCT Datasheet
514Kb / 69P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
16-Oct-2006
M58LW032D STMICROELECTRONICS-M58LW032D_04 Datasheet
799Kb / 50P
32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
13-Aug-2004
M28W320BT STMICROELECTRONICS-M28W320BT Datasheet
211Kb / 43P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
16-May-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com