Electronic Components Datasheet Search
  English  ▼

X  

M28W640FCT Datasheet(PDF) 14 Page - Numonyx B.V

Part # M28W640FCT
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W640FCT Datasheet(HTML) 14 Page - Numonyx B.V

Back Button M28W640FCT Datasheet HTML 10Page - Numonyx B.V M28W640FCT Datasheet HTML 11Page - Numonyx B.V M28W640FCT Datasheet HTML 12Page - Numonyx B.V M28W640FCT Datasheet HTML 13Page - Numonyx B.V M28W640FCT Datasheet HTML 14Page - Numonyx B.V M28W640FCT Datasheet HTML 15Page - Numonyx B.V M28W640FCT Datasheet HTML 16Page - Numonyx B.V M28W640FCT Datasheet HTML 17Page - Numonyx B.V M28W640FCT Datasheet HTML 18Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 69 page
background image
Bus operations
M28W320FCT, M28W320FCB
14/69
3
Bus operations
There are six standard bus operations that control the device. These are Bus Read, Bus
Write, Output Disable, Standby, Automatic Standby and Reset. See Table 2: Bus
Operations, for a summary.
Typically glitches of less than 5ns on Chip Enable or Write Enable are ignored by the
memory and do not affect bus operations.
3.1
Read
Read Bus operations are used to output the contents of the Memory Array, the Electronic
Signature, the Status Register and the Common Flash Interface. Both Chip Enable and
Output Enable must be at VIL in order to perform a read operation. The Chip Enable input
should be used to enable the device. Output Enable should be used to gate data onto the
output. The data read depends on the previous command written to the memory (see
Command Interface section). See Figure 8: Read AC Waveforms, and Table 16: Read AC
Characteristics, for details of when the output becomes valid.
Read mode is the default state of the device when exiting Reset or after power-up.
3.2
Write
Bus Write operations write Commands to the memory or latch Input Data to be
programmed. A write operation is initiated when Chip Enable and Write Enable are at VIL
with Output Enable at VIH. Commands, Input Data and Addresses are latched on the rising
edge of Write Enable or Chip Enable, whichever occurs first.
See Figure 9 and Figure 10, Write AC Waveforms, and Table 17 and Table 18, Write AC
Characteristics, for details of the timing requirements.
3.3
Output Disable
The data outputs are high impedance when the Output Enable is at VIH.
3.4
Standby
Standby disables most of the internal circuitry allowing a substantial reduction of the current
consumption. The memory is in stand-by when Chip Enable is at VIH and the device is in
read mode. The power consumption is reduced to the stand-by level and the outputs are set
to high impedance, independently from the Output Enable or Write Enable inputs. If Chip
Enable switches to VIH during a program or erase operation, the device enters Standby
mode when finished.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com