Electronic Components Datasheet Search
  English  ▼

X  

SB540 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SB540
Description  Schottky Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SB540 Datasheet(HTML) 2 Page - ON Semiconductor

  SB540 Datasheet HTML 1Page - ON Semiconductor SB540 Datasheet HTML 2Page - ON Semiconductor SB540 Datasheet HTML 3Page - ON Semiconductor SB540 Datasheet HTML 4Page - ON Semiconductor SB540 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SB520 - SB5100, Rev. C
2001 Fairchild Semiconductor Corporation
Features
• Metal to silicon rectifier, majority
carrier conduction.
• For use in low voltage, high
frequency inverters free
wheeling, and polarity
protection applications.
• Low power loss, high efficiency.
• High current capability, low V
F.
• High surge capacity.
SB520 - SB5100
Schottky Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Value
Units
P
D
Power Dissipation
5.0
W
RθJA
Thermal Resistance, Junction to Ambient
25
°C/W
Symbol
Parameter
Device
Units
520
530
540
550
560
580
5100
VF
Forward Voltage @ 5.0 A
0.55
0.67
0.85
V
I
R
Reverse Current @ rated V
R
T
A = 25°C
0.5
mA
T
A = 100°C
50
25
mA
C
T
Total Capacitance
V
R = 4.0 V, f = 1.0 MHz
500
380
pF
DO-201AD
COLOR BAND DENOTES CATHODE
Thermal Characteristics
Symbol
Parameter
Value
Units
520
530
540
550
560
580
5100
V
RRM
Maximum Repetitive Reverse Voltage
20
30
40
50
60
80
100
V
I
F(AV)
Average Rectified Forward Current
.375 " lead length @ T
A = 75°C
5.0
A
I
FSM
Non-repetitive Peak Forward Surge Current
8.3 ms Single Half-Sine-Wave
150
A
T
stg
Storage Temperature Range
-50 to +150
°C
T
J
Operating Junction Temperature
-50 to +150
°C
• Glass passivated



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com