Electronic Components Datasheet Search
  English  ▼

X  

SB540 Datasheet(PDF) 3 Page - ON Semiconductor

Part # SB540
Description  Schottky Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SB540 Datasheet(HTML) 3 Page - ON Semiconductor

  SB540 Datasheet HTML 1Page - ON Semiconductor SB540 Datasheet HTML 2Page - ON Semiconductor SB540 Datasheet HTML 3Page - ON Semiconductor SB540 Datasheet HTML 4Page - ON Semiconductor SB540 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SB520 - SB5100, Rev. C
2001 Fairchild Semiconductor Corporation
Schottky Rectifiers
(continued)
Typical Characteristics
12
5
10
20
50
100
0
30
60
90
120
150
Number of Cycles at 60Hz
0.1
1
10
100
100
200
500
1000
2000
5000
Reverse Voltage, V
R [V]
SB520-SB540
SB550-SB5100
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
0.1
1
10
40
Forward Voltage, V
F [V]
Pulse Width = 300
µµµµS
2% Duty Cycle
T = 25 C
º
A
SB520-SB540
SB550-SB560
SB580-SB5100
0
25
50
75
100
125
150
175
0
1
2
3
4
5
Ambient Temperature [ºC]
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
.375" (9.00mm) LOAD
LENGTHS
SB520-SB540
SB550-SB5100
0
20406080
100
120
140
0.001
0.01
0.1
1
10
20
Percent of Rated Peak Reverse Voltage [%]
T = 25 C
º
A
T = 75 C
º
A
T = 100 C
º
A
SB520-SB540
SB550-SB5100
SB520-SB540
SB550-SB5100
Figure 1. Forward Current Derating Curve
Figure 2. Non-Repetitive Surge Current
Figure 3. Forward Voltage Characteristics
Figure 4. Reverse Current vs Reverse Voltage
Figure 5. Total Capacitance



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com