Electronic Components Datasheet Search
  English  ▼

X  

PS-110 Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # PS-110
Description  PS CONNECTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

PS-110 Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  PS-110 Datasheet HTML 1Page - JST Mfg. Co., Ltd. PS-110 Datasheet HTML 2Page - JST Mfg. Co., Ltd. PS-110 Datasheet HTML 3Page - JST Mfg. Co., Ltd. PS-110 Datasheet HTML 4Page - JST Mfg. Co., Ltd. PS-110 Datasheet HTML 5Page - JST Mfg. Co., Ltd. PS-110 Datasheet HTML 6Page - JST Mfg. Co., Ltd. PS-110 Datasheet HTML 7Page - JST Mfg. Co., Ltd. PS-110 Datasheet HTML 8Page - JST Mfg. Co., Ltd. PS-110 Datasheet HTML 9Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PS CONNECTOR
0.9
6.4
7.4
20.8
3.2
2
SPS-21T-250
SPS-21T-205
(for 0.8 mm thick tabs)
SPS-51T-205
(for 0.8 mm thick tabs)
20.8
0.9
6.4
7.4
3.2
2
SPS-61T-250R
17.3
6.4
6
2.5
1.5
17.3
6.4
6
2.5
1.5
0.9
6.4
7.4
3.2
2
20.8
SPS-61T-250
SPS-21T-205-5
(for 0.5 mm thick tabs)
17.3
6.4
6
2.5
1.5
#205 Series
#250 Series
2
Contact
20.8
0.9
6.4
7.4
3.2
2
SPS-91T-250
20.8
7.4
2
3.2
6.4
0.9
20.8
7.4
3.2
1.9
6.4
0.9
SPS-21T-250R
SPS-91T-250R
<Short housing type>



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com