Electronic Components Datasheet Search
  English  ▼

X  

PS-110 Datasheet(PDF) 4 Page - JST Mfg. Co., Ltd.

Part # PS-110
Description  PS CONNECTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

PS-110 Datasheet(HTML) 4 Page - JST Mfg. Co., Ltd.

  PS-110 Datasheet HTML 1Page - JST Mfg. Co., Ltd. PS-110 Datasheet HTML 2Page - JST Mfg. Co., Ltd. PS-110 Datasheet HTML 3Page - JST Mfg. Co., Ltd. PS-110 Datasheet HTML 4Page - JST Mfg. Co., Ltd. PS-110 Datasheet HTML 5Page - JST Mfg. Co., Ltd. PS-110 Datasheet HTML 6Page - JST Mfg. Co., Ltd. PS-110 Datasheet HTML 7Page - JST Mfg. Co., Ltd. PS-110 Datasheet HTML 8Page - JST Mfg. Co., Ltd. PS-110 Datasheet HTML 9Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Crimping
machine
Contact
Applicator
Crimp applicator
Crimp applicator with dies
Dies
AP-K2N
AP-K2N
SPS-01T-110
SPS-41T-110
SPS-01T-187
(-8)
SPS-51T-187
(-8)
SPS-82T-187
SFPS-41T-187
(-8)
SPS-21T-205
(-5)
SPS-51T-205
SPS-21T-250
(S)
SPS-21T-250R
MK-L-SPS
―
MK-L-SPS
―
MK-L-SPS
―
MK-L-SPS
―
MK-L-SPS
―
MKF-L-PS187
―
MK-L-SPS
―
MK-L-SPS
―
MK-L-SPS
―
MK-L-SPS
―
APLMK SPS01-110
―
APLMK SPS41-110
―
APLMK SPS01-187
―
APLMK SPS51-187
―
APLMK SPS82-187
―
APL SFPS41-187
―
APLMK SPS21-205
―
APLMK SPS51-205
―
APLMK SPS21-250
―
APLMK SPS21-250R
―
MK/SPS-01-110
―
MK/SPS-41-110
―
MK/SPS-01-187
―
MK/SPS-51-187
―
MK/SPS-82-187
―
MK/SFPS-41-187
―
MK/SPS-21-205
―
MK/SPS-51-205
―
MK/SPS-21-250
―
MK/SPS-21-250R
―
Crimping
machine
Contact
Applicator
Crimp applicator
Crimp applicator with dies
Dies
SPS-61T-250
(S)
SPS-61T-250R
SPS-91T-250
(S)
SPS-91T-250R
SFPS-61T-250
SFPS-91T-250
SFPS-21T-250H
SFPS-61T-250H
SFPS-91T-250H
MK-L-SPS
―
MK-L-SPS
―
MK-L-SPS
―
MK-L-SPS
―
MKF-L-PS250
―
MKF-L-PS9250
―
MKS-L-RASRSF
―
MKS-L-RASRSF
―
MKS-L-RASRSF
―
APLMK SPS61-250
―
APLMK SPS61-250R
―
APLMK SPS91-250
―
APLMK SPS91-250R
―
APL SFPS61-250
―
APL SFPS91-250
―
APLMK SFPS21-250H
―
APLMK SFPS61-250H
―
APLMK SFPS91-250H
―
MK/SPS-61-250
―
MK/SPS-61-250R
―
MK/SPS-91-250
―
MK/SPS-91-250R
―
MK/SFPS-61-250
―
MK/SFPS-91-250
―
MK/SFPS-21-250H
―
MK/SFPS-61-250H
―
MK/SFPS-91-250H
―
Q'ty/reel
Applicable wire
Series
mm2
AWG #
Insulation O.D.(mm)
Model No.
Material and Finish
Brass, tin-plated (reflow treatment)
#110
#187
#187 flag
#205
#250
#250 flag
#250S
SPS-01T-110
SPS-41T-110
SPS-01T-187
SPS-51T-187
*SPS-82T-187
SPS-01T-187-8
SPS-51T-187-8
SFPS-41T-187
SFPS-41T-187-8
SPS-21T-205
SPS-21T-205-5
SPS-51T-205
SPS-21T-250
SPS-21T-250R
SPS-61T-250
SPS-61T-250R
SPS-91T-250
SPS-91T-250R
SFPS-61T-250
SFPS-91T-250
SFPS-21T-250H
SFPS-61T-250H
SFPS-91T-250H
SPS-21T-250S
SPS-61T-250S
SPS-91T-250S
0.21
∼ 0.5
0.5
∼ 1.31
0.13
∼ 0.5
0.5
∼ 2.0
0.75+0.75
∼1.25+1.25
0.13
∼ 0.5
0.5
∼ 2.0
0.3
∼ 1.25
0.3
∼ 1.31
0.3
∼ 0.75
0.3
∼ 0.75
0.5
∼ 2.0
0.3
∼ 0.75
0.3
∼ 0.75
0.75
∼ 2.0
0.75
∼ 2.0
2.0
∼ 5.5
2.0
∼ 5.5
0.75
∼ 2.0
3.5
∼ 5.5
0.3
∼ 0.75
0.75
∼ 2.0
2.0
∼5.5, 1.25+1.25∼2.0+2.0
0.3
∼ 0.75
0.75
∼ 2.0
2.0
∼ 5.5
24
∼20
20
∼16
26
∼20
20
∼14
18+18
∼16+16
26
∼20
20
∼14
22
∼16
22
∼16
22
∼18
22
∼18
20
∼14
22
∼18
22
∼18
18
∼14
18
∼14
14
∼10
14
∼10
18
∼14
12
∼10
22
∼18
18
∼14
14
∼10, 16+16∼14+14
22
∼18
18
∼14
14
∼10
1.0
∼2.5
1.9
∼3.4
1.3
∼3.4
1.9
∼3.6
2.1+2.1
∼2.9+2.9
1.3
∼3.4
1.9
∼3.6
1.7
∼3.4
1.7
∼3.4
1.5
∼3.1
1.5
∼3.1
1.9
∼3.6
1.5
∼3.1
1.5
∼3.1
2.1
∼3.9
2.1
∼3.9
3.0
∼4.7
3.0
∼4.7
2.1
∼3.9
4.0
∼5.2
1.5
∼3.1
2.1
∼3.9
3.5
∼7.2, 1.75+1.75∼3.6+3.6
1.5
∼3.1
2.1
∼3.9
3.0
∼4.7
10,000
10,000
10,000
7,500
3,500
10,000
7,500
5,000
5,000
5,000
5,000
5,000
5,000
3,500
5,000
3,500
4,000
3,500
3,000
2,000
2,400
2,000
1,300
5,000
5,000
4,000
for
0.5 mm
thick tabs
for
0.8 mm
thick tabs
for 0.5 mm
thick tabs
for 0.8 mm
thick tabs
for 0.8 mm
thick tabs
for 0.5 mm
thick tabs
for 0.8 mm
thick tabs
RoHS compliance
Note: *Marked product is not approved by CSA/TU
¨ V standards.
4
PS CONNECTOR
Contact



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com