Electronic Components Datasheet Search
  English  ▼

X  

TP6312 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TP6312
Description  1/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TP6312 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  TP6312 Datasheet HTML 1Page - List of Unclassifed Manufacturers TP6312 Datasheet HTML 2Page - List of Unclassifed Manufacturers TP6312 Datasheet HTML 3Page - List of Unclassifed Manufacturers TP6312 Datasheet HTML 4Page - List of Unclassifed Manufacturers TP6312 Datasheet HTML 5Page - List of Unclassifed Manufacturers TP6312 Datasheet HTML 6Page - List of Unclassifed Manufacturers TP6312 Datasheet HTML 7Page - List of Unclassifed Manufacturers TP6312 Datasheet HTML 8Page - List of Unclassifed Manufacturers TP6312 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TP6312
1/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER
Switching Characteristics (Ta = -20°C to +70°C, VDD = 4.5V to 5.5V, VEE = -30V)
Parameter
Symbol
Min
Typ.
Max.
Unit
Test Conditions
Oscillation Frequency
fOSC
350
500
650
kHz
R = 56k
Ω
tPLZ
300
ns
Propagation Delay Time
tPZL
100
ns
CLK
⇒ DOUT
CL = 15pF,RL = 10k
Ω
tTZH1
2
µs
Seg1 to Seg11
Rise Time
tTZH2
0.5
µs
CL = 300
PF
Grid1 to Grid6
Seg12/Grid11
to
Seg16/Grid7
Fall Time
tTHZ
120
µs
CL = 300 pF, Segn, Gridn
Maximum Clock Frequency
fmax
1
MHz
Duty = 50%
Input Capacitance
C1
15
pF
Timing Conditions (Ta = -20°C to +70°C, Vdd = 4.5V to 5.5V)
Parameter
Symbol
Min
Typ.
Max.
Unit
Test Conditions
Clock Pulse Width
PWCLK
400
ns
Strobe Pulse Width
PWSTB
1
µs
Data Setup Time
tSETUP
100
ns
Data Hold Time
tHOLD
100
ns
Clock-Strobe Time
tCLK-STB
1
µs
CLK ↑→ STB ↑
Wait Time
tWAIT
1
µs
CLK ↑→ CLK ↓
Switching Characteristic Waveform
PW STB
PW CLK
PW CLK
tCLK-STB
tSETUP
thold
tPZL
tPZL
90%
tTHZ
10%
tTHZ
Version 1.1
Page 6 of 9
http://www.topro.com.tw
September 2003



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com