Electronic Components Datasheet Search
  English  ▼

X  

TP6312 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TP6312
Description  1/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TP6312 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TP6312 Datasheet HTML 1Page - List of Unclassifed Manufacturers TP6312 Datasheet HTML 2Page - List of Unclassifed Manufacturers TP6312 Datasheet HTML 3Page - List of Unclassifed Manufacturers TP6312 Datasheet HTML 4Page - List of Unclassifed Manufacturers TP6312 Datasheet HTML 5Page - List of Unclassifed Manufacturers TP6312 Datasheet HTML 6Page - List of Unclassifed Manufacturers TP6312 Datasheet HTML 7Page - List of Unclassifed Manufacturers TP6312 Datasheet HTML 8Page - List of Unclassifed Manufacturers TP6312 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TP6312
1/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER
General Description
The TP6312 is a VFD (Vacuum Fluorescent Display)
controller/driver that is driven on a 1/4 to 1/11-duty
factor.
It consists of 11 segment output lines, 6 grid
output lines, 5 segment/grid output drivelines, a
display memory, a control circuit, and a Key scan
circuit.
Serial data is input to TP6312 through a
three-line serial interface.
This VFD controller/driver
is ideal as a peripheral device of a single-chip
microcomputer.
Features
Multiple display modes (11-segment & 11-digit to
16-segment & 4-digit)
Key scanning (6
× 4 matrices)
Dimming circuit (eight steps)
High-voltage output (VDD – 35V max)
LED ports (4 chs, 20 mA max)
General-purpose input port (4 bits)
No external resistor necessary for driver outputs
(P-ch open-drain + pull-down resistor output)
Serial interface (CLK, STB, DIN, DOUT)
Ordering Information
TP 6312
Package Type F: LQFP
Footprint
S: 2.0 mm
L: 3.2 mm
Footprint
Version
Package Type
Block Diagram
DIN
DOUT
CLK
STB
Serial I/F
OSC
Command decoder
Display memory
16bit x 11 word
Timing generator key
scan
Key data memory
(4x6)
4 bit latch
4
4
Dimming circuit
11
6
5
5
5
16
11
VDD
VSS
VEE
(+5V)
(0V)
(-30V)
LED1
Seg1
Seg11
Seg12/Gird11
Seg16/Gird7
Grid1
Grid6
R
Key1
to
Key4
SW1
to
SW4
LED4
Version 1.1
Page 1 of 9
http://www.topro.com.tw
September 2003


Similar Part No. - TP6312

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP6311QG ETC1-TP6311QG Datasheet
440Kb / 23P
1/8 - 1/16 DUTY VFD CONTROLLER / DRIVER
More results

Similar Description - TP6312

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16312 NEC-UPD16312 Datasheet
143Kb / 20P
1/4- to 1/11-DUTY FIPTM VFD CONTROLLER/DRIVER
logo
Holtek Semiconductor In...
HT16512 HOLTEK-HT16512 Datasheet
128Kb / 12P
1/4 to 1/11 Duty VFD Controller
December 24, 1999
logo
List of Unclassifed Man...
AD16312 ETC-AD16312 Datasheet
184Kb / 11P
1/4- TO 1/11-DUTY VFD CONTROLLER/DRIVER
AD6312 ETC-AD6312 Datasheet
226Kb / 13P
1/4- to 1/11 Duty VFD Controller/Driver
logo
STMicroelectronics
STM86312 STMICROELECTRONICS-STM86312 Datasheet
434Kb / 16P
1/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER
27-May-2004
logo
Silan Microelectronics ...
SC16312 SILAN-SC16312 Datasheet
164Kb / 12P
1/4 to 1/11 DUTY FIP(VFD) CONTROLLER/DRIVER
logo
STMicroelectronics
STM86312 STMICROELECTRONICS-STM86312_06 Datasheet
327Kb / 24P
1/4 to 1/11-duty VFD controller/driver
27-Mar-2006
logo
Holtek Semiconductor In...
HT16512 HOLTEK-HT16512_05 Datasheet
195Kb / 10P
1/4 to 1/11 Duty VFD Controller
May 3, 2005
HT16512 HOLTEK-HT16512_10 Datasheet
131Kb / 11P
1/4 to 1/11 Duty VFD Controller
logo
Renesas Technology Corp
PD16312 RENESAS-PD16312_15 Datasheet
336Kb / 25P
1/4- to 1/11-DUTY FIPTM (VFD) CONTROLLER/DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com