Electronic Components Datasheet Search
  English  ▼

X  

MAX7219ENG Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX7219ENG
Description  Serially Interfaced, 8-Digit LED Display Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7219ENG Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX7219ENG Datasheet HTML 3Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 4Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 5Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 6Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 7Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 8Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 9Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 10Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Initial Power-Up
On initial power-up, all control registers are reset, the
display is blanked, and the MAX7219/MAX7221 enter
shutdown mode. Program the display driver prior to
display use. Otherwise, it will initially be set to scan one
digit, it will not decode data in the data registers, and
the intensity register will be set to its minimum value.
Decode-Mode Register
The decode-mode register sets BCD code B (0-9, E, H,
L, P, and -) or no-decode operation for each digit. Each
bit in the register corresponds to one digit. A logic high
selects code B decoding while logic low bypasses the
decoder. Examples of the decode mode control-regis-
ter format are shown in Table 4.
When the code B decode mode is used, the decoder
looks only at the lower nibble of the data in the digit
registers (D3–D0), disregarding bits D4–D6. D7, which
sets the decimal point (SEG DP), is independent of the
decoder and is positive logic (D7 = 1 turns the decimal
point on). Table 5 lists the code B font.
When no-decode is selected, data bits D7–D0 corre-
spond to the segment lines of the MAX7219/MAX7221.
Table 6 shows the one-to-one pairing of each data bit
to the appropriate segment line.
Serially Interfaced, 8-Digit LED Display Drivers
_______________________________________________________________________________________
7
Table 2. Register Address Map
Table 3. Shutdown Register Format (Address (Hex) = 0xXC)
Table 4. Decode-Mode Register Examples (Address (Hex) = 0xX9)
No-Op
X
0
0
0
0
0
ADDRESS
0
1
0xX0
0xX1
Digit 1
X
0
0
0
1
1
0
1
0xX2
0
0xX3
0
Digit 2
X
Digit 3
X
0
1
1
0
Digit 0
X
0
0
1
0xX4
0xX5
Digit 5
X
0
1
1
1
1
0
1
0xX6
0
0xX7
0
Digit 6
X
Digit 4
X
Digit 7
X
1
0
0
0
0
0
1
0xX8
0xX9
1
Decode
Mode
X
Intensity
X
1
0
0
1
1
0
1
0xXA
0xXB
Shutdown
X
1
1
1
0
1
0
1
0xXC
1
0xXF
1
Display
Test
X
Scan Limit
X
D15–
D12
D11
D10
REGISTER
D9
D8
HEX
CODE
X
Shutdown
Mode
0xXC
X
X
X
X
X
X
X
X
X
0
X
1
X
X
X
REGISTER DATA
MODE
Normal
Operation
0xXC
0
No decode for digits 7–0
0
0
1
D7
DECODE MODE
0
0x00
0
0
1
D6
D5
0
1
D4
D3
0
1
Code B decode for digits 7–0
Code B decode for digit 0
No decode for digits 7–1
0
0
0
1
D2
HEX
CODE
0
REGISTER DATA
0
0xFF
1
1
D1
D0
0
1
0
1
0
0
0
0x01
0
Code B decode for digits 3–0
No decode for digits 7–4
1
1
1
1
0x0F
ADDRESS CODE
(HEX)
D6
D4
D7
D5
D2
D0
D3
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com