Electronic Components Datasheet Search
  English  ▼

X  

MAX7219ENG Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX7219ENG
Description  Serially Interfaced, 8-Digit LED Display Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7219ENG Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX7219ENG Datasheet HTML 1Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 2Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 3Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 4Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 5Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 6Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 7Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 8Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Serially Interfaced, 8-Digit LED Display Drivers
_______________________________________________________________________________________
5
Pin Description
Functional Diagram
NAME
FUNCTION
1
DIN
Serial-Data Input. Data is loaded into the internal 16-bit shift register on CLK’s rising edge.
2, 3, 5–8,
10, 11
DIG 0–DIG 7
Eight-Digit Drive Lines that sink current from the display common cathode. The MAX7219 pulls
the digit outputs to V+ when turned off. The MAX7221’s digit drivers are high-impedance when
turned off.
PIN
4, 9
GND
Ground (both GND pins must be connected)
12
LOAD
(MAX7219)
18
ISET
Connect to VDD through a resistor (RSET) to set the peak segment current (Refer to Selecting
RSET Resistor section).
14–17,
20–23
SEG A–SEG G,
DP
13
CLK
CS
(MAX7221)
24
DOUT
Serial-Data Output. The data into DIN is valid at DOUT 16.5 clock cycles later. This pin is used
to daisy-chain several MAX7219/MAX7221’s and is never high-impedance.
19
V+
Positive Supply Voltage. Connect to +5V.
( ) MAX7221 ONLY
V+
8
8
8
8
4
RSET
LOAD (CS)
DIN
DOUT
CLK
(MSB)
(LSB)
D0
SEG A–SEG G, DP
DIG 0–DIG 7
SHUTDOWN REGISTER
MODE REGISTER
INTENSITY REGISTER
SCAN-LIMIT REGISTER
DISPLAY-TEST REGISTER
INTENSITY
PULSE-
WIDTH
MODULATOR
MULTIPLEX
SCAN
CIRCUITRY
ADDRESS
REGISTER
DECODER
8x8
DUAL-PORT
SRAM
8
D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12
DIGIT DRIVERS
D13 D14 D15
CODE B
ROM WITH
BYPASS
SEGMENT
CURRENT
REFERENCE
SEGMENT DRIVERS
Load-Data Input. The last 16 bits of serial data are latched on LOAD’s rising edge.
Chip-Select Input. Serial data is loaded into the shift register while CS is low. The last 16 bits of
serial data are latched on CS’s rising edge.
Serial-Clock Input. 10MHz maximum rate. On CLK’s rising edge, data is shifted into the inter-
nal shift register. On CLK’s falling edge, data is clocked out of DOUT. On the MAX7221, the
CLK input is active only while CS is low.
Seven Segment Drives and Decimal Point Drive that source current to the display. On the
MAX7219, when a segment driver is turned off it is pulled to GND. The MAX7221 segment dri-
vers are high-impedance when turned off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com