Electronic Components Datasheet Search
  English  ▼

X  

MPQ9840 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MPQ9840
Description  36V, 3.5A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ9840 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MPQ9840 Datasheet HTML 15Page - Monolithic Power Systems MPQ9840 Datasheet HTML 16Page - Monolithic Power Systems MPQ9840 Datasheet HTML 17Page - Monolithic Power Systems MPQ9840 Datasheet HTML 18Page - Monolithic Power Systems MPQ9840 Datasheet HTML 19Page - Monolithic Power Systems MPQ9840 Datasheet HTML 20Page - Monolithic Power Systems MPQ9840 Datasheet HTML 21Page - Monolithic Power Systems MPQ9840 Datasheet HTML 22Page - Monolithic Power Systems MPQ9840 Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
MPQ9840 – 36V, 3.5A, LOW IQ, SYNC STEP-DOWN CONVERTER, AEC-Q100
MPQ9840 Rev. 1.02
www.MonolithicPower.com
19
7/1/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
QFN-16
(3mmx4mm)
Name
Description
1
PHASE
Selectable in-phase or 180° out-of-phase of SYNC input. Pull PHASE high to be
in-phase. Pull PHASE low to be 180° out-of-phase. Recommend to connect this pin
to GND if not used.
2
VIN
Input supply. VIN supplies power to all of the internal control circuitries and the
power switch connected to SW. Place a decoupling capacitor to ground close to VIN
to minimize switching spikes.
3, 10
SW
Switch node. SW is the output of the internal power switch. Pin 3 and Pin 10 are
internally connected.
4, 9
PGND
Power ground. PGND is the reference ground of the power device and requires
careful consideration during PCB layout. For best results, connect PGND with
copper pours and vias.
5
EN
Enable. Pull EN below the specified threshold to shut the chip down. Pull EN above
the specified threshold to enable the chip.
6
SYNC
Synchronize. Apply a 350kHz to 2.5MHz clock signal to SYNC to synchronize the
internal oscillator frequency to the external clock. The external clock should be at
least 250kHz larger than the RFREQ set frequency. SYNC can also be used to select
forced continuous conduction mode (CCM) or advanced asynchronous mode (AAM).
Before the chip starts up, drive SYNC low or leave SYNC floating to choose AAM,
and drive SYNC high to external power source or pull up SYNC to VCC directly to
set the part forced CCM mode.
7
PG
Power good output. The output of PG is an open drain. Float PG if not used.
8
BIAS
Bias input. Connect BIAS to an external power supply (5V ≤ VBIAS ≤ 18V) to reduce
power dissipation and increase efficiency. If not in use, float BIAS or connect BIAS
to ground.
11
BST
Bootstrap. BST is the positive power supply for the high-side MOSFET driver
connected to SW. Connect a bypass capacitor between BST and SW.
12
VCC
Bias supply. VCC supplies power to the internal control circuit and gate drivers. A
decoupling capacitor (≥1µF) to ground is required close to VCC.
13
AGND
Analog ground. AGND is the reference ground of the logic circuit.
14
SS
Optional external soft-start time setting. Connect an external capacitor between
this pin and GND to set soft-start time externally. The MPQ9840 sources 10µA from
SS to the soft-start capacitor during start-up. As the SS voltage rises, the feedback
threshold voltage increases to limit inrush current during start-up. Floating the pin
will activate the internal 0.7ms soft-start setting.
15
FB
Feedback input. For adjustable output version, connect FB to the center point of the
external resistor divider. The feedback threshold voltage is 0.8V. Place the resistor
divider as close to FB as possible. Avoid placing vias on the FB traces. For fixed
output version, connect FB pin to the output directly.
16
FREQ
Switching frequency program. Connect a resistor from FREQ to ground to set the
switching frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com