Electronic Components Datasheet Search
  English  ▼

X  

MPQ9840 Datasheet(PDF) 25 Page - Monolithic Power Systems

Part # MPQ9840
Description  36V, 3.5A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ9840 Datasheet(HTML) 25 Page - Monolithic Power Systems

Back Button MPQ9840 Datasheet HTML 21Page - Monolithic Power Systems MPQ9840 Datasheet HTML 22Page - Monolithic Power Systems MPQ9840 Datasheet HTML 23Page - Monolithic Power Systems MPQ9840 Datasheet HTML 24Page - Monolithic Power Systems MPQ9840 Datasheet HTML 25Page - Monolithic Power Systems MPQ9840 Datasheet HTML 26Page - Monolithic Power Systems MPQ9840 Datasheet HTML 27Page - Monolithic Power Systems MPQ9840 Datasheet HTML 28Page - Monolithic Power Systems MPQ9840 Datasheet HTML 29Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
MPQ9840 – 36V, 3.5A, LOW IQ, SYNC STEP-DOWN CONVERTER, AEC-Q100
MPQ9840 Rev. 1.02
www.MonolithicPower.com
25
7/1/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider connected to FB
sets the output voltage (see Figure 4).
Figure 4: Feedback Network
Choose RFB1 first, RFB2 can then be calculated
with Equation (3):
1
0.8V
V
R
R
OUT
FB1
FB2
(3)
Table 1 lists the recommended feedback
resistor values for common output voltages.
For fixed output version, connect FB pin to the
output directly.
Table 1: Resistor Selection for Common Output
Voltages
VOUT (V)
RFB1 (kΩ)
RFB2 (kΩ)
3.3
41.2 (1%)
13 (1%)
5
68.1 (1%)
13 (1%)
Selecting the Inductor
A 1µH to 10µH inductor with a DC current rating
at least 25% higher than the maximum load
current is recommended for most applications.
For higher efficiency, choose an inductor with a
lower DC resistance. A larger-value inductor
results in less ripple current and a lower output
ripple voltage, but also has a larger physical
size, higher series resistance, and lower
saturation current. A good rule for determining
the inductor value is to allow the inductor ripple
current to be approximately 30% of the
maximum load current. The inductance value
can then be calculated with Equation (4):
 

OUT
OUT
SW
L
IN
VV
L(1
)
fI
V
(4)
Where ∆IL is the peak-to-peak inductor ripple
current.
Choose the inductor ripple current to be
approximately 30% of the maximum load
current. The maximum inductor peak current
can be calculated with Equation (5):

 
OUT
OUT
LP
LOAD
SW
IN
VV
II
(1
)
2f
L
V
(5)
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous
and
therefore
requires
a
capacitor to supply AC current to the converter
while maintaining the DC input voltage. For the
best performance, use low ESR capacitors.
Ceramic capacitors with X5R or X7R dielectrics
are highly recommended because of their low
ESR and small temperature coefficients.
For most applications, use a 4.7µF to 10µF
capacitor. It is strongly recommended to use
another lower-value capacitor (e.g.: 0.1µF) with
a small package size (0603) to absorb high-
frequency switching noise. Place the smaller
capacitor as close to VIN and GND as possible.
Since CIN absorbs the input switching current, it
requires an adequate ripple current rating. The
RMS current in the input capacitor can be
estimated with Equation (6):

 
OUT
OUT
CIN
LOAD
IN
IN
VV
II
(1
)
VV
(6)
The worst-case condition occurs at VIN = 2VOUT,
shown in Equation (7):
 LOAD
CIN
I
I
2
(7)
For simplification, choose an input capacitor
with an RMS current rating greater than half of
the maximum load current.
The input capacitor can be electrolytic, tantalum,
or ceramic. When using electrolytic or tantalum
capacitors, add a small, high-quality ceramic
capacitor (e.g.: 0.1μF) as close to the IC as
possible. When using ceramic capacitors,
ensure that they have enough capacitance to
provide a sufficient charge to prevent excessive
voltage ripple at the input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com