Electronic Components Datasheet Search
  English  ▼

X  

PDTC143 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # PDTC143
Description  50 V, 100 mA NPN resistor-equipped transistors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC143 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button PDTC143 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC143 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC143 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC143 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC143 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC143 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC143 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC143 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PDTC143 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Nexperia
PDTC143/114/124/144EQB series
50 V, 100 mA NPN resistor-equipped transistors
IC (mA)
10-1
102
10
1
006aac831
102
10
103
hFE
1
(1)
(2)
(3)
VCE = 5 V
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = -40 °C
Fig. 4. PDTC143EQB: DC current gain as a function of
collector current; typical values
VCE (V)
0
5
4
2
3
1
aaa-018583
0.04
0.06
0.02
0.08
0.1
IC
(A)
0
IB = 0.16 mA
0.32 mA
0.40 mA
0.48 mA
0.56 mA
0.64 mA
0.80 mA
0.24 mA
0.72 mA
Tamb = 25 °C
Fig. 5. PDTC143EQB: Collector current as a function of
collector-emitter voltage; typical values
IC (mA)
1
102
10
006aac832
10-1
1
VCEsat
(V)
10-2
(1)
(2)
(3)
IC/IB = 20
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = -40 °C
Fig. 6. PDTC143EQB: Collector-emitter saturation
voltage as a function of collector current;
typical values
006aac833
IC (mA)
10-1
102
10
1
1
10
VI(on)
(V)
10-1
(1)
(2)
(3)
VCE = 0.3 V
(1) Tamb = -40 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 7. PDTC143EQB: On-state input voltage as a
function of collector current; typical values
PDTC143_114_124_144EQB_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 1 — 1 October 2021
6 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com