Electronic Components Datasheet Search
  English  ▼

X  

PDTC143 Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

Part # PDTC143
Description  50 V, 100 mA NPN resistor-equipped transistors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC143 Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button PDTC143 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC143 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PDTC143 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PDTC143 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PDTC143 Datasheet HTML 12Page - Nexperia B.V. All rights reserved PDTC143 Datasheet HTML 13Page - Nexperia B.V. All rights reserved PDTC143 Datasheet HTML 14Page - Nexperia B.V. All rights reserved PDTC143 Datasheet HTML 15Page - Nexperia B.V. All rights reserved PDTC143 Datasheet HTML 16Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Nexperia
PDTC143/114/124/144EQB series
50 V, 100 mA NPN resistor-equipped transistors
006aac757
IC (mA)
10-1
102
10
1
102
103
fT
(MHz)
10
f = 100 MHz
Tamb = 25 °C
VCE = 5 V
Fig. 28. Transition frequency as a function of collector current; typical values
PDTC143_114_124_144EQB_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 1 — 1 October 2021
12 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com