Electronic Components Datasheet Search
  English  ▼

X  

S3029 Datasheet(PDF) 8 Page - Applied Micro Circuits Corporation

Part # S3029
Description  SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S3029 Datasheet(HTML) 8 Page - Applied Micro Circuits Corporation

Back Button S3029 Datasheet HTML 3Page - Applied Micro Circuits Corporation S3029 Datasheet HTML 4Page - Applied Micro Circuits Corporation S3029 Datasheet HTML 5Page - Applied Micro Circuits Corporation S3029 Datasheet HTML 6Page - Applied Micro Circuits Corporation S3029 Datasheet HTML 7Page - Applied Micro Circuits Corporation S3029 Datasheet HTML 8Page - Applied Micro Circuits Corporation S3029 Datasheet HTML 9Page - Applied Micro Circuits Corporation S3029 Datasheet HTML 10Page - Applied Micro Circuits Corporation S3029 Datasheet HTML 11Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
S3029
SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER
February 19, 1999 / Revision B
Performance Specifications
r
e
t
e
m
a
r
a
Pn
i
Mp
y
Tx
a
Ms
t
i
n
Un
o
i
t
i
d
n
o
C
O
C
V
l
a
n
i
m
o
N
y
c
n
e
u
q
e
r
F
r
e
t
n
e
C
2
5
.
5
5
1z
H
M
k
c
o
l
C
e
c
n
e
r
e
f
e
R
e
c
n
a
r
e
l
o
T
y
c
n
e
u
q
e
r
F
0
2
-
0
0
1
-
0
2
+
0
0
1
+
m
p
p
m
p
p
t
i
m
s
n
a
r
T
3
-
C
O
T
E
N
O
S
r
o
F
e
c
n
a
r
e
l
o
T
y
c
n
e
u
q
e
r
F
t
i
m
s
n
a
r
T
M
T
A
s
/
t
i
b
M
5
5
1
r
o
F
e
c
n
a
r
e
l
o
T
y
c
n
e
u
q
e
r
F
3
-
S
T
S
/
3
-
C
O
e
g
n
a
R
e
r
u
t
p
a
C
1
e
g
n
a
R
k
c
o
L
t
u
p
t
u
O
k
c
o
l
C
e
l
c
y
C
y
t
u
D0
4
±
m
p
p
0
0
2
%
2
1
-
,
8
+
0
6I
U
f
o
%
e
c
n
e
r
e
f
e
r
d
e
x
i
f
o
t
t
c
e
p
s
e
r
h
t
i
W
y
c
n
e
u
q
e
r
f
e
m
i
T
k
c
o
L
n
o
i
t
i
s
i
u
q
c
A
1
3
-
S
T
S
/
3
-
C
O
4
6
µ c
e
s
p
u
d
e
r
e
w
o
p
y
d
a
e
r
l
a
e
c
i
v
e
d
h
t
i
W
.
K
L
C
F
E
R
d
il
a
v
d
n
a
k
c
o
l
C
e
c
n
e
r
e
f
e
R
e
l
c
y
C
y
t
u
D
t
u
p
n
I
0
30
7
f
o
%
d
o
i
r
e
p
&
e
s
i
R
k
c
o
l
C
e
c
n
e
r
e
f
e
R
s
e
m
i
T
ll
a
F
0
.
2s
ne
d
u
t
il
p
m
a
f
o
%
0
9
o
t
%
0
1
&
e
s
i
R
t
u
p
t
u
O
L
C
E
P
s
e
m
i
T
ll
a
F
5
.
1s
n
0
5
,
%
0
9
o
t
%
0
1
Ω
V
2
-
C
C
V
o
t
p
a
c
f
p
5
,
d
a
o
l
t
n
e
l
a
v
i
u
q
e
N
/
P
O
K
L
C
X
T
n
o
i
t
a
r
e
n
e
G
r
e
t
t
i
J
5
4
0
.7
0
.p
p
.
I
.
U
F
:
1
-
M
T
S
3
F
,
z
H
K
5
6
=
4
z
H
M
3
.
1
=
.
I
.
U
5
1
.
0
=
t
i
m
il
c
e
p
s
H
D
S
/
T
E
N
O
S
1 Guaranteed but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com