Electronic Components Datasheet Search
  English  ▼

X  

MKT366 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MKT366
Description  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT366 Datasheet(HTML) 2 Page - Vishay Siliconix

  MKT366 Datasheet HTML 1Page - Vishay Siliconix MKT366 Datasheet HTML 2Page - Vishay Siliconix MKT366 Datasheet HTML 3Page - Vishay Siliconix MKT366 Datasheet HTML 4Page - Vishay Siliconix MKT366 Datasheet HTML 5Page - Vishay Siliconix MKT366 Datasheet HTML 6Page - Vishay Siliconix MKT366 Datasheet HTML 7Page - Vishay Siliconix MKT366 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28103
70
Revision: 18-Nov-05
MKT 366
Vishay BCcomponents
Metallized Polyester Film Capacitors
MKT Radial Epoxy Lacquered Type
COMPOSITION OF CATALOG NUMBER
SPECIFIC REFERENCE DATA
DESCRIPTION
VALUE
Tangent of loss angle:
at 1 kHz
at 10 kHz
at 100 kHz
C
≤ 0.47 µF
≤ 75 × 10−4
≤ 130 × 10−4
≤ 225 × 10−4
0.47 µF
< C ≤ 1.0 µF
≤ 75 × 10−4
≤ 130 × 10−4
−
Rated voltage pulse slope (dU/dt)R
at 63 V (DC)
at 100 V (DC)
at 250 V (DC)
at 400 V (DC)
110 V/µs
110 V/µs
130 V/µs
170 V/µs
R between leads, for C
≤ 0.33 µF:
at 10 V; 1 minute
> 15000 MΩ
at 100 V; 1 minute
> 15000 MΩ> 30000 MΩ> 30000 MΩ
RC between leads, for C
> 0.33 µF at 10 V; 1 minute
> 5000 s
> 5000 s
R between interconnecting leads and casing; 100 V;
1minute
> 30000 MΩ> 30000 MΩ> 30000 MΩ> 30000 MΩ
Withstanding (DC) voltage (cut off current 10 mA);
rise time 100 V/s
100 V; 1 minute
160 V; 1 minute
400 V; 1 minute
640 V; 1 minute
2222
366
XX XX X
BFC2* 366
XX XX X
TYPE AND PITCHES
366
5.0 and 7.5 mm
TYPE
PACKAGING
LEAD CONFIGURATION
ON REQUEST
C-TOL
63 V
100 V
250 V
400 V
Pitch
= 5.0 mm
366
loose in box
kinked leads 4.0
+ 1.0/− 0.5 mm
± 10 %
75
85
−−
± 5 %
76
86
−−
kinked leads 17.0
± 4.0 mm
± 10 %
71
81
−−
± 5 %
72
82
−−
Pitch
= 7.5 mm
ON REQUEST
366
loose in box
kinked leads 4.0
+ 1.0/− 0.5 mm
± 10 %
152545
55
± 5 %
162646
56
kinked leads 17.0
± 4.0 mm
± 10 %
112141
51
± 5 %
122242
52
ammopack
kinked leads;
H
= 16.0 mm; P
0 = 12.7 mm
± 10 %
132343
53
± 5 %
172747
57
MULTIPLIER
(nF)
0.1
2
1
3
10
4
100
5
CAPACITANCE
(numerically)
Example:
104
= 10 x 10 = 100 nF
* Use this partnumber for those with access to the
Vishay’s SAP system and Partners website within
the Americas



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com