Electronic Components Datasheet Search
  English  ▼

X  

MKT366 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MKT366
Description  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT366 Datasheet(HTML) 3 Page - Vishay Siliconix

  MKT366 Datasheet HTML 1Page - Vishay Siliconix MKT366 Datasheet HTML 2Page - Vishay Siliconix MKT366 Datasheet HTML 3Page - Vishay Siliconix MKT366 Datasheet HTML 4Page - Vishay Siliconix MKT366 Datasheet HTML 5Page - Vishay Siliconix MKT366 Datasheet HTML 6Page - Vishay Siliconix MKT366 Datasheet HTML 7Page - Vishay Siliconix MKT366 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 28103
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 18-Nov-05
71
MKT 366
Metallized Polyester Film Capacitors
MKT Radial Epoxy Lacquered Type
Vishay BCcomponents
URdc = 63 V; URac = 40 V
C
(µF)
DIMENSIONS
Wmax
× Hmax × Lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 366 ..... AND PACKAGING
LOOSE IN BOX
AMMOPACK
lt
=
4.0
+ 1.0/− 0.5 mm
lt
=
17.0
± 4.0 mm
H
= 16.0 mm
C-TOL
=± 10 % C-TOL =± 5 %
SPQ
SPQ
C-TOL
=± 10 % C-TOL =± 5 %
SPQ
last 5 digits of
catalog
number
last 5 digits of
catalog
number
last 5 digits of
catalog number
last 5 digits of
catalog
number
Pitch
= 5.0 + 0.4/− 0.2 mm; d
t = 0.50 ± 0.05 mm
0.047
4.0
× 12.5 × 7.3
0.3
75473
76473
1000
1000
0.056
75563
76563
0.068
75683
76683
0.082
75823
76823
0.1
75104
76104
0.12
75124
76124
0.15
4.0
× 13.0 × 7.3
0.3
75154
76154
1000
1000
0.18
4.0
× 13.5 × 7.3
0.4
75184
76184
1000
1000
0.22
4.2
× 13.5 × 7.3
0.4
75224
76224
1000
1000
0.27
4.5
× 14.0 × 7.3
0.4
75274
76274
1000
1000
0.33
4.5
× 14.5 × 7.3
0.4
75334
76334
1000
1000
0.39
75394
76394
0.47
4.5
× 15.5 × 7.3
0.4
75474
76474
1000
1000
0.56
5.0
× 14.0 × 7.3
0.4
75564
76564
1000
1000
0.68
5.5
× 14.5 × 7.3
0.4
75684
76684
1000
1000
0.82
5.5
× 15.0 × 7.3
0.5
75824
76824
1000
1000
1.0
5.5
× 15.5 × 7.3
0.5
75105
76105
1000
1000
Pitch
= 7.5 + 0.4/− 0.2 mm; d
t = 0.60 ± 0.06 mm
0.12
4.0
× 12.0 × 10.0
0.4
15124
16124
1000
1000
13124
17124
1500
0.15
15154
16154
13154
17154
0.18
15184
16184
13184
17184
0.22
15224
16224
13224
17224
0.27
4.5
× 13.0 × 10.5
0.5
15274
16274
1000
1000
13274
17274
1250
0.33
5.0
× 13.5 × 10.5
0.6
15334
16334
1000
1000
13334
17334
1000
0.39
0.4
15394
16394
13394
17394
0.47
5.5
× 14.0 × 10.5
0.7
15474
16474
1000
1000
13474
17474
1000
0.56
5.5
× 14.5 × 10.5
0.8
15564
16564
1000
1000
13564
17564
1000
0.68
15684
16684
13684
17684
0.82
15824
16824
13824
17824
1.0
15105
16105
13105
17105



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com