Electronic Components Datasheet Search
  English  ▼

X  

74AVC1T45 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # 74AVC1T45
Description  SINGLE BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AVC1T45 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button 74AVC1T45 Datasheet HTML 3Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 4Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 5Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 6Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 7Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 8Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 9Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 10Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
74AVC1T45
Switching Characteristics (continued)
VCC (A) = 1.8V ± 0.15V, TA = -40°C to +85°C, See Figure 1
Parameter
From
(Input)
To
(Output)
VCC(B) = 1.2V
VCC(B) = 1.5V
±0.1
VCC(B) = 1.8V
±0.15V
VCC(B) = 2.5V
±0.2V
VCC(B) = 3.3V
±0.3V
Unit
TYP
Min
Max
Min
Max
Min
Max
Min
Max
tpLH
A
B
2.7
0.6
5.3
0.5
5.0
0.4
3.9
0.4
3.4
ns
tpHL
2.7
0.6
5.3
0.5
5.0
0.4
3.9
0.4
3.4
tpLH
B
A
2.3
0.5
5.2
0.4
5.0
0.3
4.6
0.2
4.4
ns
tpHL
2.3
0.5
5.2
0.4
5.0
0.3
4.6
0.2
4.4
tpHZ
DIR
A
3.8
1.6
5.9
1.6
5.9
1.6
5.9
0.5
6.0
ns
tpLZ
3.8
1.6
5.9
1.6
5.9
1.6
5.9
0.5
6.0
tpHZ
DIR
B
5.0
1.8
7.7
1.4
6.8
1.0
4.4
1.4
5.3
ns
tpLZ
5.0
1.8
7.7
1.4
6.8
1.0
4.4
1.4
5.3
tpZH*
DIR
A
7.3
—
12.9
—
11.8
—
9.0
—
8.7
ns
tpZL*
7.3
—
12.9
—
11.8
—
9.0
—
8.7
tpZH*
DIR
B
6.5
—
11.2
—
10.9
—
9.8
—
9.4
ns
tpZL*
6.5
—
11.2
—
10.9
—
9.8
—
9.4
*Enable times are calculated vales see table at end of switching characteristics.
VCC (A) = 2.5V ± 0.2V, TA = -40°C to +85°C, See Figure 1
Parameter
From
(Input)
To
(Output)
VCC(B) = 1.2V
VCC(B) = 1.5V
±0.1
VCC(B) = 1.8V
±0.15V
VCC(B) = 2.5V
±0.2V
VCC(B) = 3.3V
±0.3V
Unit
TYP
Min
Max
Min
Max
Min
Max
Min
Max
tpLH
A
B
2.6
0.5
4.9
0.4
4.6
0.3
3.4
0.3
3.0
ns
tpHL
2.6
0.5
4.9
0.4
4.6
0.3
3.4
0.3
3.0
tpLH
B
A
2.2
0.4
4.2
0.3
3.8
0.2
3.4
0.2
3.3
ns
tpHL
2.2
0.4
4.2
0.3
3.8
0.2
3.4
0.2
3.3
tpHZ
DIR
A
2.8
0.3
3.8
0.8
3.8
0.4
3.8
0.5
3.8
ns
tpLZ
2.8
0.3
3.8
0.8
3.8
0.4
3.8
0.5
3.8
tpHZ
DIR
B
4.9
2.0
7.6
1.5
6.5
0.6
4.1
1.0
4.0
ns
tpLZ
4.9
2.0
7.6
1.5
6.5
0.6
4.1
1.0
4.0
tpZH*
DIR
A
7.1
—
11.8
—
10.3
—
7.5
—
7.3
ns
tpZL*
7.1
—
11.8
—
10.3
—
7.5
—
7.3
tpZH*
DIR
B
5.4
—
8.6
—
8.1
—
7.0
—
6.6
ns
tpZL*
5.4
—
8.6
—
8.1
—
7.0
—
6.6
*Enable times are calculated vales see table at end of switching characteristics.
VCC (A) = 3.3V ± 0.3V, TA = -40°C to +85°C, See Figure 1
Parameter
From
(Input)
To
(Output)
VCC(B) = 1.2V
VCC(B) = 1.5V
±0.1
VCC(B) = 1.8V
±0.15V
VCC(B) = 2.5V
±0.2V
VCC(B) = 3.3V
±0.3V
Unit
TYP
Min
Max
Min
Max
Min
Max
Min
Max
tpLH
A
B
2.6
0.4
4.7
0.3
4.4
0.2
3.3
0.2
2.8
ns
tpHL
2.6
0.4
4.7
0.3
4.4
0.2
3.3
0.2
2.8
tpLH
B
A
2.2
0.4
3.8
0.3
3.4
0.2
3
0.1
2.8
ns
tpHL
2.2
0.4
3.8
0.3
3.4
0.2
3
0.1
2.8
tpHZ
DIR
A
3.1
1.3
4.3
1.3
4.3
1.3
4.3
1.3
4.3
ns
tpLZ
3.1
1.3
4.3
1.3
4.3
1.3
4.3
1.3
4.3
tpHZ
DIR
B
4
0.7
7.4
0.6
6.5
0.7
4
1.5
4.9
ns
tpLZ
4
0.7
7.4
0.6
6.5
0.7
4
1.5
4.9
tpZH*
DIR
A
6.2
—
11.2
—
9.9
—
7
—
6.7
ns
tpZL*
6.2
—
11.2
—
9.9
—
7
—
6.7
tpZH*
DIR
B
5.7
—
8.9
—
8.5
—
7.2
—
6.8
ns
tpZL*
5.7
—
8.9
—
8.5
—
7.2
—
6.8
*Enable times are calculated vales see table at end of switching characteristics.
74AVC1T45
Document number: DS38131 Rev. 2 – 2
7 of 17
www.diodes.com
November 2018
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com