Electronic Components Datasheet Search
  English  ▼

X  

74AVC1T45 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # 74AVC1T45
Description  SINGLE BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AVC1T45 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button 74AVC1T45 Datasheet HTML 9Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 10Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 11Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 12Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 13Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 14Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 15Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 16Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
74AVC1T45
Package Outline Dimensions (All dimensions in mm.)
Please see http://www.diodes.com/package-outlines.html for the latest version.
X1-DFN1010-6 (Type B)
X1-DFN1010-6
(Type B)
Dim
Min
Max
Typ
A
-
0.50
0.39
A1
-
0.04
-
b
0.12
0.20
0.15
D
0.95 1.050
1.00
E
0.95 1.050
1.00
e
0.35 BSC
e1
0.55 BSC
L3
0.27
0.30
0.30
L3a
0.32
0.40
0.35
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
X1-DFN1010-6 (Type B)
Dimensions
Value
(in mm)
C
0.350
G
0.150
G1
0.150
X
0.200
X1
0.900
Y
0.500
Y1
0.525
Y2
0.475
Y3
1.150
A
A1
Seating Plane
D
E
b
e
L3( 5x)
( Pin #1 ID)
L3a
e1
Pin1
X1
Y3
C
Y2
Y1
Y( 4x)
X
G1
G
74AVC1T45
Document number: DS38131 Rev. 2 – 2
13 of 17
www.diodes.com
November 2018
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com