| Electronic Components Datasheet Search |
|
DS80C400 Datasheet(PDF) 67 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS80C400 Datasheet(HTML) 67 Page - Maxim Integrated Products |
|
67 / 97 page ![]() DS80C400 Network Microcontroller 67 of 97 VLAN2, Two_Level VLAN Frame 0 = receive frame did not contain a VLAN tag that matched the VLAN2 register 1 = receive frame 13th and 14th bytes matched the two-level VLAN tag register (VLAN2) VLAN1, One_Level VLAN Frame 0 = receive frame did not contain a VLAN tag that matched the VLAN1 register 1 = receive frame 13th and 14th bytes matched the one-level VLAN tag register (VLAN1) CRC, CRC Error. This bit is also set to 1 if the RX_ER pin is asserted by the PHY during a reception, even if the CRC-32 for the frame is correct. 0 = CRC-32 error was not detected for the receive frame 1 = CRC-32 error was detected for the receive frame DRIB, Dribbling Bit. This bit is not valid if the COL or RUNT bits are set to 1. If DRIB = 1 and CRC = 0, then the packet is valid. 0 = receive frame did not contain any dribbling bits 1 = receive frame contained dribbling bits (a noninteger multiple of 8 bits) MII_ER, MII Error 0 = PHY did not assert the RX_ER signal during reception of the frame 1 = PHY asserted the RX_ER signal (indicating an error was detected) during the receive frame TYPE, Frame Type. This bit is not valid for runt frames less than 14 Bytes. 0 = length specified in the length/type field (i.e., value equal or less than 1500) 1 = type specified in the length/type field (i.e., value greater than 1500) COL, Collision Seen 0 = receive frame did not incur any collisions 1 = receive frame is damaged by a late collision (one that occurred after the first 64 bytes) LONG, Frame Too Long. This bit only serves as a status indicator and does not cause frame truncation. 0 = receive frame did not exceed the maximum frame length check 1 = receive frame exceeded the maximum frame length (1518 Bytes, unless VLAN tagged) RUNT, Runt Frame 0 = receive frame is not a runt frame (<64 Bytes) 1 = receive frame does not meet the minimum required frame size (64 Bytes = 1 time slot) due to a collision or premature frame termination WDOG, Watchdog Timeout. The FLEN[13:0] field is not valid when this bit is set. 0 = MAC watchdog timer did not timeout during the receive frame 1 = MAC watchdog timer timed out during the receive frame. The watchdog timer is programmed to twice the maximum frame length (3036 bit times). FLEN [13:0], Frame Length [13:0]. This field indicates the receive frame length in bytes, including zero padding pad (if applicable) and the CRC-32 field, unless automatic pad stripping has been enabled (ASTP = 1). When ASTP = 1, the frame length includes only the data field. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |