Electronic Components Datasheet Search
  English  ▼

X  

DS80C400 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS80C400
Description  Network Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS80C400 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS80C400 Datasheet HTML 9Page - Maxim Integrated Products DS80C400 Datasheet HTML 10Page - Maxim Integrated Products DS80C400 Datasheet HTML 11Page - Maxim Integrated Products DS80C400 Datasheet HTML 12Page - Maxim Integrated Products DS80C400 Datasheet HTML 13Page - Maxim Integrated Products DS80C400 Datasheet HTML 14Page - Maxim Integrated Products DS80C400 Datasheet HTML 15Page - Maxim Integrated Products DS80C400 Datasheet HTML 16Page - Maxim Integrated Products DS80C400 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 97 page
background image
DS80C400 Network Microcontroller
13 of 97
ELECTRICAL CHARACTERISTICS (NONMULTIPLEXED ADDRESS/DATA BUS)
(Note 1)
(VCC3 = 3.0V to 3.6V, VCC1 = 1.8V ±10%, TA = -40°C to +85°C.)
75MHz
VARIABLE CLOCK
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
External Crystal Frequency
4
40
Clock Mutliplier 2X Mode
16
37.5
Clock Multiplier 4X Mode
1 / tCLK
11
18.75
MHz
External Oscillator Frequency
DC
75
Clock Mutliplier 2X Mode
16
37.5
Clock Multiplier 4X Mode
1 / tCLK
11
18.75
MHz
PSEN Pulse Width
tPLPH
21.7
2tCLCL - 5
ns
PSEN Low to Valid Instruction In
tPLIV
9.7
2tCLCL - 17
ns
Input Instruction Hold After
PSEN
tPXIX
0
0
ns
Input Instruction Float After
PSEN
tPXIZ
See MOVX
Characteristics
ns
Port 7 Address to Valid Instruction In
tAVIV1
21.0
3tCLCL - 19
ns
Port 2, 4, 6 Address or Port 4 CE to Valid
Instruction In
tAVIV2
27.7
3tCLCL + tCLCH - 19
ns
Note 1:
Specifications to -40°C are guaranteed by design and not production tested.
Note 2:
All parameters apply to both commercial and industrial temperature operation, unless otherwise noted.
Note 3:
tCLCL, tCLCH, tCHCL are time periods associated with the internal system clock and are related to the external clock (tCLK) as defined in the
the System Clock Time Periods table.
Note 4:
The precalculated 75MHz min/max timing specifications assume an exact 50% duty cycle.
Note 5:
All signals characterized with load capacitance of 80pF except Port 0, Port 2, ALE,
PSEN, RD, and WR with 100pF. The following
signals, when configured for memory interface, are also characterized with 100pF loading: Port 4 (
CE0-3, A16–A19), Port 5.4–5.7
(
PCE0-3), Port 6.0–6.5 (CE4-7, A20, A21), Port 7 (demultiplexed mode A0–A7).
Note 6:
References to the XTAL, XTAL1, or CLK signal in timing diagrams is to assist in determining the relative occurrence of events, not for
determing absolute signal timing with respect to the external clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com