Electronic Components Datasheet Search
  English  ▼

X  

ABM3 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ABM3
Description  CERAMIC SMD CRYSTAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM3 Datasheet(HTML) 3 Page - Abracon Corporation

  ABM3 Datasheet HTML 1Page - Abracon Corporation ABM3 Datasheet HTML 2Page - Abracon Corporation ABM3 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TAPE & REEL:
Dimensions: mm
Dimensions: inch (mm)
OUTLINE DRAWING:
|||||||| | | | | | | |
5.0 X 3.2 X 1.3mm
REFLOW PROFILE
Tape and reel (1,000pcs/reel)
ABM3
MINIATURE CERAMIC SMD CRYSTAL
RoHS/RoHS II Compliant.
Pb in Glass, exemption 7C-I per RoHS II Directive
2011/65/EU Annex
Pin 1
Pin 2
Alternative bottom packaging 1:
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 05-03-21
ATTENTION: Abracon LLC’s products are COTS – Commercial-O-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applica
tions. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependent Medical applications or any application requiring high reliability
where component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment,
written consent and authorization from Abracon LLC is required. Please contact Abracon LLC for more information.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com