Electronic Components Datasheet Search
  English  ▼

X  

ABM3 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABM3
Description  CERAMIC SMD CRYSTAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM3 Datasheet(HTML) 1 Page - Abracon Corporation

  ABM3 Datasheet HTML 1Page - Abracon Corporation ABM3 Datasheet HTML 2Page - Abracon Corporation ABM3 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
|||||||||| | | | | |
ABM3
5.0 X 3.2 X 1.3mm
CERAMIC SMD CRYSTAL
Smaller package alternative for ABM7 series
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
AT-cut fundamental or 3rd OT mode
Suitable for RoHS reflow profile
Tight Stability available ±10
Ceramic package hermetically glass sealed assures high precision and reliability.
Cellular telephones, pagers
Communication and test equipment
PCMCIA and wireless applications
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency Range
8.000
54.000
MHz
Fundamental
54.100
80.000
3rd Overtone
Operation Mode
Fundamental or 3rd Overtone
Operating Temperature
-10
+60
ºC
See options
Storage Temperature
-40
+90
ºC
Frequency Tolerance @+25°C
-50
+50
ppm
See options
Frequency Stability over the Operating
Temperature ( ref. to +25°C)
-50
+50
ppm
See options
Equivalent series resistance (R1)
140
8.000 F < 9.000 (Fund)
120
9.000 F < 10.000 (Fund)
60
10.000 F < 16.000 (Fund)
40
16.000 F < 20.000 (Fund)
30
20.000 F < 30.000 (Fund)
25
30.000 F 54.000 (Fund)
60
54.000 < F 80.000 (3rd OT)
Shunt capacitance (C0)
7
pF
F
p
8
1
)
L
C
(
e
c
n
a
ti
c
a
p
a
c
d
a
o
L
Standard (See options if other
than STD)
Drive Level
10
100
µW
Aging
-5
+5
ppm
@25°C±3°C
First year
Insulation Resistance
500
M
@ 100Vdc ± 15V
RoHS/RoHS II Compliant.
Pb in Glass, exemption 7C-I per RoHS II Directive
2011/65/EU Annex
Moisture Sensitivity Level (MSL) – This product is Hermetically Sealed and not Moisture Sensitive - MSL = N/A: Not Applicable
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 05-03-21


Similar Part No. - ABM3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM3 ABRACON-ABM3 Datasheet
448Kb / 1P
ULTRA MINIATURE CERAMIC SURFACE MOUNT
ABM3 ABRACON-ABM3 Datasheet
837Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL
03.06.08
logo
List of Unclassifed Man...
ABM3-12.000MHZ-B2-T ETC1-ABM3-12.000MHZ-B2-T Datasheet
139Kb / 1P
AB Series HC49U Crystals, ABLS Series HC49US SMD Crystals, ABL Series HC49US Crystals, ABM3 Series 5.0 x 3.2 SMD Crystals
ABM3-13.560MHZ-B2-T ETC1-ABM3-13.560MHZ-B2-T Datasheet
139Kb / 1P
AB Series HC49U Crystals, ABLS Series HC49US SMD Crystals, ABL Series HC49US Crystals, ABM3 Series 5.0 x 3.2 SMD Crystals
ABM3-14.31818MHZ-B2-T ETC1-ABM3-14.31818MHZ-B2-T Datasheet
139Kb / 1P
AB Series HC49U Crystals, ABLS Series HC49US SMD Crystals, ABL Series HC49US Crystals, ABM3 Series 5.0 x 3.2 SMD Crystals
More results

Similar Description - ABM3

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX252B FOX-FX252B Datasheet
150Kb / 1P
Ceramic SMD Crystal
FX532 FOX-FX532 Datasheet
218Kb / 2P
Ceramic SMD Crystal
logo
Abracon Corporation
ABM3B ABRACON-ABM3B_08 Datasheet
202Kb / 2P
CERAMIC SMD CRYSTAL
Revised O: 03.11.08
ABM3B-10.000MHZ-10-1-U-T ABRACON-ABM3B-10.000MHZ-10-1-U-T Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL
04.19.13
ABM3B ABRACON-ABM3B_13 Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL
04.19.13
logo
Fox Electronics
FX252BS FOX-FX252BS Datasheet
506Kb / 2P
Ceramic SMD Crystal
FX1612B FOX-FX1612B Datasheet
70Kb / 1P
Ceramic SMD Crystal
logo
List of Unclassifed Man...
ABM3C-15.000MHZ-D4Y-T ETC2-ABM3C-15.000MHZ-D4Y-T Datasheet
1Mb / 3P
CERAMIC SMD CRYSTAL
logo
Fox Electronics
FX252BS-20.000 FOX-FX252BS-20.000 Datasheet
236Kb / 2P
Ceramic SMD Crystal
logo
Abracon Corporation
ABM3B-155-12.800MHZ ABRACON-ABM3B-155-12.800MHZ Datasheet
570Kb / 3P
CERAMIC SMD CRYSTAL
11.8.2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com