Electronic Components Datasheet Search
  English  ▼

X  

PL612-05 Datasheet(PDF) 6 Page - PhaseLink Corporation

Part # PL612-05
Description  1.8V-3.3V PicoPLL, 2-PLL, 200MHz, 5 Output Clock IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL612-05 Datasheet(HTML) 6 Page - PhaseLink Corporation

  PL612-05 Datasheet HTML 1Page - PhaseLink Corporation PL612-05 Datasheet HTML 2Page - PhaseLink Corporation PL612-05 Datasheet HTML 3Page - PhaseLink Corporation PL612-05 Datasheet HTML 4Page - PhaseLink Corporation PL612-05 Datasheet HTML 5Page - PhaseLink Corporation PL612-05 Datasheet HTML 6Page - PhaseLink Corporation PL612-05 Datasheet HTML 7Page - PhaseLink Corporation PL612-05 Datasheet HTML 8Page - PhaseLink Corporation PL612-05 Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
(Preliminary)
1.8V-3.3V PicoPLL, 2-PLL, 200MHz, 5 Output Clock IC
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 9/4/07 Page 6
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage Range
VDD
-0.5
4.6
V
Input Voltage Range
VI
-0.5
VDD+0.5
V
Output Voltage Range
VO
-0.5
VDD+0.5
V
Soldering Temperature (Green package)
260
C
Data Retention @ 85
C
10
Year
Storage Temperature
TS
-65
150
C
Ambient Operating Temperature*
-40
85
C
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the device
and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other conditions above
the operational limits noted in this specification is not implied. *Operating temperature is guaranteed by design. Parts are tested to commercial grade only.
AC SPECIFICATIONS
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Crystal Input Frequency (XIN)
Fundamental Crystal
10
50
MHz
@ VDD =3.3V
200
@ VDD =2.5V
166
Input (FIN) Frequency
@ VDD =1.8V
1
133
MHz
Input (FIN) Signal Amplitude
Internally AC coupled (High Frequency)
0.9
VDD
Vpp
Input (FIN) Signal Amplitude
Internally AC coupled (Low Frequency)
3.3V <50MHz, 2.5V <40MHz, 1.8V <15MHz
0.1
VDD
Vpp
@ VDD =3.3V
200
@ VDD =2.5V
166
Output Frequency
@ VDD =1.8V
133
MHz
Settling Time
At power-up (after VDD increases over 1.62V)
2
ms
OE Function; Ta=25º C, 15pF Load
10
ns
Output Enable Time
PDB Function; Ta=25º C, 15pF Load
2
ms
VDD Sensitivity
Frequency vs. VDD +/-10%
-2
2
ppm
Output Rise Time
15pF Load, 10/90% VDD, High Drive, 3.3V
1.2
1.7
ns
Output Fall Time
15pF Load, 90/10% VDD, High Drive, 3.3V
1.2
1.7
ns
Duty Cycle
PLL Enabled, @ VDD /2
45
50
55
%
Period Jitter, Pk-to-Pk*
(10,000 samples)
Input 16MHz fundamental mode crystal, all
outputs at 40MHz, 10pF Load, with capacitive
decoupling between VDD and GND.
100
120
ps
* Note: Jitter performance depends on the programming parameters.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com