Electronic Components Datasheet Search
  English  ▼

X  

PL612-05 Datasheet(PDF) 8 Page - PhaseLink Corporation

Part # PL612-05
Description  1.8V-3.3V PicoPLL, 2-PLL, 200MHz, 5 Output Clock IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL612-05 Datasheet(HTML) 8 Page - PhaseLink Corporation

  PL612-05 Datasheet HTML 1Page - PhaseLink Corporation PL612-05 Datasheet HTML 2Page - PhaseLink Corporation PL612-05 Datasheet HTML 3Page - PhaseLink Corporation PL612-05 Datasheet HTML 4Page - PhaseLink Corporation PL612-05 Datasheet HTML 5Page - PhaseLink Corporation PL612-05 Datasheet HTML 6Page - PhaseLink Corporation PL612-05 Datasheet HTML 7Page - PhaseLink Corporation PL612-05 Datasheet HTML 8Page - PhaseLink Corporation PL612-05 Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
(Preliminary)
1.8V-3.3V PicoPLL, 2-PLL, 200MHz, 5 Output Clock IC
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 9/4/07 Page 8
PACKAGE DRAWINGS (GREEN PACKAGE COMPLIANT)
MSOP-10L
SOP-8L
Dimension in MM
Symbol
Min.
Max.
A
0.86
1.06
A1
0.05
0.15
A2
0.81
0.91
b
0.17
0.25
C
0.1
0.2
D
3.00 BSC
E
3.00 BSC
H
--
5.08
L
0.43
0.63
e
0.50 BSC
Dimension in MM
Symbol
Min.
Max.
A
1.35
1.75
A1
0.10
0.25
A2
1.25
1.50
b
0.33
0.53
C
0.19
0.27
D
4.80
5.00
E
3.80
4.00
H
5.80
6.20
L
0.40
0.89
e
1.27 BSC
C
L
A2
E
H
D
A1
e
b
A
C
L
A2
E
H
D
A1
e
b
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com