Electronic Components Datasheet Search
  English  ▼

X  

EM84513 Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM84513
Description  Mouse Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM84513 Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM84513 Datasheet HTML 16Page - ELAN Microelectronics Corp EM84513 Datasheet HTML 17Page - ELAN Microelectronics Corp EM84513 Datasheet HTML 18Page - ELAN Microelectronics Corp EM84513 Datasheet HTML 19Page - ELAN Microelectronics Corp EM84513 Datasheet HTML 20Page - ELAN Microelectronics Corp EM84513 Datasheet HTML 21Page - ELAN Microelectronics Corp EM84513 Datasheet HTML 22Page - ELAN Microelectronics Corp EM84513 Datasheet HTML 23Page - ELAN Microelectronics Corp EM84513 Datasheet HTML 24Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
EM84513
Mouse Controller
Product Specification ((V0.9) 06.16.2006
•••• 17
(This specification is subject to change without further notice)
Chip Size : 1750 m x 1400 m
Pad No.
Sym.
X
Y
1
VDD
-167.034
557.718
2
OSCOUT
-368.676
557.718
3
Z1
-540.498
557.718
4
Z2
-712.362
557.718
5
RTSCK
-702.450
-125.202
6
RXDBDAT
-702.450
-345.933
7
OPT
-705.852
-530.964
8
SEL
-477.099
-530.985
8
ZS2
-305.235
-530.985
8
GND
-158.445
-529.872
8
GND
52.311
-546.966
9
R
199.143
-555.471
10
M
370.965
-555.471
11
L
542.829
-555.471
12
X1
715.869
-555.471
13
X2
715.869
-430.731
14
Y1
715.869
428.421
15
Y2
715.869
557.592
16
OSCR
533.001
557.592
EM84513AFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com