Electronic Components Datasheet Search
  English  ▼

X  

EM84513 Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM84513
Description  Mouse Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM84513 Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM84513 Datasheet HTML 9Page - ELAN Microelectronics Corp EM84513 Datasheet HTML 10Page - ELAN Microelectronics Corp EM84513 Datasheet HTML 11Page - ELAN Microelectronics Corp EM84513 Datasheet HTML 12Page - ELAN Microelectronics Corp EM84513 Datasheet HTML 13Page - ELAN Microelectronics Corp EM84513 Datasheet HTML 14Page - ELAN Microelectronics Corp EM84513 Datasheet HTML 15Page - ELAN Microelectronics Corp EM84513 Datasheet HTML 16Page - ELAN Microelectronics Corp EM84513 Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
EM84513
Mouse Controller
Product Specification ((V0.9) 06.16.2006
•••• 9
(This specification is subject to change without further notice)
•••• Set Resolution ( E8,XX )
EM84513 provides four resolutions selected by the second byte of this
command as follows:
Second Byte XX
Resolution
00
8 dot/count
01
4 dot/count
02
2 dot/count
03
1 dot/count
•••• Set Autospeed ( E7 )
At the end of a sample interval in the stream mode, the current X and Y data
values are converted new values. The sign bits are not involved in this
conversion. The conversion is only in stream mode.
•••• Reset Autospeed ( E6 )
This command restore normal speed.
7.2 Microsoft PS/2 Scrolling Mouse Mode
7.2.1 Entering Procedure
Except in WRAP mode, while EM84513 received the following consecutive command.
F3 C8 ---- set sampling rate 200/sec
F3 64 ---- set sampling rate 100/sec
F3 50 ---- set sampling rate 80/sec
7.2.2 Operating
All of the commands in legacy mode still be valid.
The ID code of read device type command (F2) will changed from "00" to be "03".
Data report will be four bytes format:
Byte
Bit
Description
1
0
Left button status; 1 = pressed
1
Right button status; 1 = pressed
2
Middle button status; 1 = pressed
3
Reserve (Always 1)
4
X data sign; 1 = negative
5
Y data sign; 1 = negative
6
X data overflow; 1 = overflow
7
Y data overflow; 1 = overflow
2
0-7
X data (D0 – D7)
3
0-7
Y data (D0 – D7)
4
0-7
Z data (D0 – D7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com