Electronic Components Datasheet Search
  English  ▼

X  

300CB08 Datasheet(PDF) 3 Page - Holland Electronics

Part # 300CB08
Description  300CB08/nrg300CB08 - 325A Dual-Feed Circuit Breaker Panel
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLAND [Holland Electronics]
Direct Link  https://www.hollandelectronics.com/
Logo HOLLAND - Holland Electronics

300CB08 Datasheet(HTML) 3 Page - Holland Electronics

  300CB08 Datasheet HTML 1Page - Holland Electronics 300CB08 Datasheet HTML 2Page - Holland Electronics 300CB08 Datasheet HTML 3Page - Holland Electronics 300CB08 Datasheet HTML 4Page - Holland Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
300CB08/nrg300CB08
Amphenol All rights reserved
DS-60-1891 5/6/2019 v.6
800-677-2288 | abs-go.com
300CB08
/nrg300CB08
325A Dual-Feed Circuit Breaker Panel
Specifications
Inputs:
Specifications:
Voltage range (nominal voltage)
±12VDC, ±24VDC and ±48VDC
Max. input load rating
325A @ 45°C per panel (De-rated to 200A @ 70°C)
Short circuit withstand rating
5000A
Nominal power loss at full load
Less than 45W per side @15,600W full load per side (325A x 48V);
325A @ 45°C per panel (De-rated to 200A @ 70°C)
Percentage of full power dissipation at nominal voltage
Less than 0.5%
Max. input interrupt device
125% of panel rating (for 325A rated feeds)
Optional: Vertical input terminal studs (with Keps nuts
and flat washers) for dual-hole compression lugs
Two pairs of 3/8-16 studs on 1" centers per terminal [max. lug width of
1.15" (29.2 mm)]. Torque nut (using 9/16" or 15 mm socket) to 150 in/lb.
(~17 N•m), max.
Optional: Horizontal input terminal landings (with Keps
nuts, flat washers, and bolts) for dual-hole
compression lugs
Two pairs of 3/8
” holes on 5/8”-1" centers per terminal [max. lug width of
1.5" (38.1 mm)]. Torque bolt and nut (using 9/16" or 15 mm sockets) to
150 in/lb. (~17 N•m), max.
Input wire size
#2 AWG to 250 MCM
Grounding:
Specifications:
Earth GND terminal bolts (with spring washers and flat
washers) for dual-hole compression lug
Three sets of 1/4-20 threaded holes on 5/8" centers. [max. lug width of
.50" (12.7 mm)]. Torque bolts (using 7/16" or 12 mm socket) to 50 in/lb.
(5.5 N•m), max.
Ground wire size
#14 AWG to #4 AWG
Outputs:
Specifications:
Output circuit breaker
Single-pole: 60A
Output load
Single-pole: 48A continuous
Minimum short circuit interrupt rating
5000A
Optional: Terminal blocks, single-hole compression
lugs
16, #10-32 screws [max. lug width of .50" (12.7)]. Torque screw to 20
in/lb. (2.3 N•m), max.
Optional: Output wire size, single-hole compression
lug
#14 AWG to #4 AWG
Optional: Connectors
Connector plug, latching, safe touch
Optional: Output wire size, connectors
#12 AWG to #6 AWG
Circuit breakers
EATON and AIRPAX 1U Series
Alarms:
Specifications:
Alarm relay contacts
2A @ 30 VDC; 0.6A @ 60 VDC
Max. alarm card power rating
@12V: 18mA (0.22W) @24V: 20mA (0.48W); @48V: 30mA (1.44W)
Alarm wire size
#24 AWG, typical (#26 to #20 AWG)
Terminals
Wire wrap
Dimensions:
Specifications:
300CB08/nrg300CB08
Height:
Depth:
Width:
300CB08-C/nrg300CB08-C
Height:
Depth:
Width:
1.75" (44 mm)
13.55" (344 mm)
17" (432 mm) without brackets
19” and 23” brackets included with panel
1.75" (44 mm)
18.8" (478 mm) without tie bar
22.0" (559 mm) with tie bar
17" (432 mm) without brackets
19” and 23” brackets included with panel
Tie bar included with panel



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com