Electronic Components Datasheet Search
  English  ▼

X  

300CB08 Datasheet(PDF) 4 Page - Holland Electronics

Part # 300CB08
Description  300CB08/nrg300CB08 - 325A Dual-Feed Circuit Breaker Panel
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLAND [Holland Electronics]
Direct Link  https://www.hollandelectronics.com/
Logo HOLLAND - Holland Electronics

300CB08 Datasheet(HTML) 4 Page - Holland Electronics

  300CB08 Datasheet HTML 1Page - Holland Electronics 300CB08 Datasheet HTML 2Page - Holland Electronics 300CB08 Datasheet HTML 3Page - Holland Electronics 300CB08 Datasheet HTML 4Page - Holland Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
300CB08/nrg300CB08
Amphenol All rights reserved
DS-60-1891 5/6/2019 v.6
800-677-2288 | abs-go.com
300CB08
/nrg300CB08
325A Dual-Feed Circuit Breaker Panel
Voltage Sensor (nrgSMART model only):
Specifications:
Sensor accuracy
-19.99 to +19.99V: ± 0.3V
-20V to -60V: ± 0.1V
+20V to +60V: ± 0.1V
Voltage measurement range
-60 to +60 VDC
NOTE:
• Voltage measurement may be slightly different than at input terminal blocks due to the voltage drop within the panel.
• Sensors are factory calibrated and do not require user adjustment.
Current Sensor (nrgSMART model only):
Specifications:
Precision / accuracy
±5% precision, ±0.25A accuracy
Example: 40A current, will measure 40A ± (40A*5%) ± 0.25A
= 40A ± 2.0A ± 0.25A
= 37.75A to 42.25A
Communication (nrgSMART model only):
Specifications:
nrgOS minimum required version
nrgOS 4.0.0
nrgNET communication protocol
Proprietary nrgNET used to communicate between panels and
controller
nrgNET connector
Removable 5-pin connector with screw down terminals
nrgNET connector functions
nrgNET IN from the nrgCONTROL or upstream nrgSMART panel
nrgNET OUT to downstream nrgSMART panel



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com