Electronic Components Datasheet Search
  English  ▼

X  

60GMT20 Datasheet(PDF) 1 Page - Holland Electronics

Part # 60GMT20
Description  60A Dual-Feed GMT Fuse Panels
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLAND [Holland Electronics]
Direct Link  https://www.hollandelectronics.com/
Logo HOLLAND - Holland Electronics

60GMT20 Datasheet(HTML) 1 Page - Holland Electronics

  60GMT20 Datasheet HTML 1Page - Holland Electronics 60GMT20 Datasheet HTML 2Page - Holland Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All rights reserved
DS--60-1892 1.3.12/rev 4
amphenolbroadband.com | Phone: 800-677-2288
1
60A Dual-Feed GMT Fuse Panels
Power :: Dual 10/10 or Dual 20/20 Positions; Compact and Lightweight
Overview
The Amphenol GMT fuse panels provide reliable low-
current power distribution in a highly cost-effective package.
Each panel features 60A dual-feed inputs and universal
±24/-48 operating voltage to fit in legacy and “next-gen”
network applications. Panels handle up to 15A fuses in
each position, providing ample capacity for distribution to
a broad range of components. Dual 10/10-position and
20/20-position configurations are available.
Applications
• Wireless
• Central office
• Co-locate
• Remote sites
• Secondary distribution
Primary Benefits
• Universal voltage (±24/-48 VDC) enables
standardization on a single part number for multiple
network applications
• Up to 15A fuses for distribution to a variety of network
elements (Note: Order fuses separately)
• GMT fuse holders mounted for downward trip
indication—easier identification and detection of
blown fuses
• Form C relay contacts provide reliable
alarm connections
• Fail alarm LEDs clearly indicate fuse and power failures
• Lever-actuated input connectors provide simple, tool-less
termination and maintenance-free connections
• Screw clamp output, ground, and alarm connectors
ensure security and reliability
• Essential low-current power distribution functionality in a
cost-effective platform
How to Order:
1. Choose a panel configuration
2. Select fuses as required
3. Select accessories as needed
See more power distribution solutions under
Power Accessories at amphenolbroadband.com
60GMT10 Front view


Similar Part No. - 60GMT20

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60GK0KS-010 ROSENBERGER-60GK0KS-010 Datasheet
688Kb / 2P
7/16 GAUGE KIT
More results

Similar Description - 60GMT20

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
L11B BOURNS-L11B Datasheet
125Kb / 1P
Line Feed Resistors w/Thermal Fuse & Overvoltage Protectors
L21 BOURNS-L21 Datasheet
125Kb / 1P
Line Feed Resistors w/Thermal Fuse
logo
Cooper Bussmann, Inc.
PV-8A10F COOPER-PV-8A10F Datasheet
228Kb / 2P
PV Fuse Protects Photovoltaic Panels up to 1000Vdc
logo
International Rectifier
IRF3546 IRF-IRF3546 Datasheet
358Kb / 18P
60A Dual Integrated Power Block
logo
Cooper Bussmann, Inc.
15600-06-20 COOPER-15600-06-20 Datasheet
86Kb / 2P
Fuse Panels - ATC, ATM, FMX
logo
International Rectifier
IRF3546M IRF-IRF3546M_15 Datasheet
718Kb / 18P
60A Dual Integrated Power Block
logo
Delta Electronics, Inc.
04BEEG3F-R DELTA-04BEEG3F-R Datasheet
694Kb / 1P
DUAL-FUSE CONNECTOR FILTERS
logo
Cooper Bussmann, Inc.
15600 COOPER-15600 Datasheet
79Kb / 1P
ATC Blade-Type Fuse Panels
logo
KODENSHI_AUK CORP.
SFN60W600CI KODENSHI-SFN60W600CI Datasheet
183Kb / 5P
600V, 60A ULTRAFAST DUAL RECTIFIERS
SFN60W600W KODENSHI-SFN60W600W Datasheet
260Kb / 5P
600V, 60A ULTRAFAST DUAL RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com