Electronic Components Datasheet Search
  English  ▼

X  

60GMT20 Datasheet(PDF) 2 Page - Holland Electronics

Part # 60GMT20
Description  60A Dual-Feed GMT Fuse Panels
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLAND [Holland Electronics]
Direct Link  https://www.hollandelectronics.com/
Logo HOLLAND - Holland Electronics

60GMT20 Datasheet(HTML) 2 Page - Holland Electronics

  60GMT20 Datasheet HTML 1Page - Holland Electronics 60GMT20 Datasheet HTML 2Page - Holland Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
All rights reserved. 1.3.12/rev 4
amphenolbroadband.com | Phone: 800-677-2288
2
60A Dual-Feed GMT Fuse Panels
Power :: Dual 10/10 or Dual 20/20 Positions; Compact and Lightweight
Ordering Information
Description
Part Number
Dual-feed 10/10 panel, white
60GMT10
Dual-feed 20/20 panel, white
Order fuses separately
60GMT20
Amperage
GMT Fuses
18/100A
130781
1/4A
100151
1/2A
004001
3/4A
004008
1A
100991
1-1/3A
004006
1-1/2A
004011
2A
004002
2-1/2A
130783
3A
004012
3-1/2A
130782
4A
004013
5A
004014
7-1/2A
004010
10A
004015
12A
102287
15A
102288
Additional Items
Fuse puller
06113-03
Dummy fuse
132748
Specifications
Electrical
Nominal voltage
± 24V/-48V
Input rating
60A per bus
Max. input interrupt device
75A
Max. output protection device
15A
Power dissipation (full load)
12W per bus
Mechanical
Dimensions
19" W x 1.75" H x 2" D
(432 mm x 45 mm x 51 mm)
Weight
4 lbs (1.8 kg)
Color
White
Finish
Powder coat
Mounting
19" or 23"
Environmental
Temperature range
-5° to 55° C
Humidity
0 to 90%, non-condensing
Connections
Input terminals
Pressure clamp, #16 - #6 AWG
Output terminals
Screw clamp, #22 - #16 AWG
Chassis ground
Screw, #8
Alarms
Alarm indicators
Power, fuse alarms
Alarm type
Form C
Alarm connector
Screw clamp, #22 - #16 AWG
Relay contact ratings
0.6A at 48 VDC; 1A at 120 VAC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com