Electronic Components Datasheet Search
  English  ▼

X  

BDS102H Datasheet(PDF) 1 Page - Holland Electronics

Part # BDS102H
Description  Vertical True Flex™/Horizontal Splitters Model BDS100H/VF Broadband Digital Splitter Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLAND [Holland Electronics]
Direct Link  https://www.hollandelectronics.com/
Logo HOLLAND - Holland Electronics

BDS102H Datasheet(HTML) 1 Page - Holland Electronics

  BDS102H Datasheet HTML 1Page - Holland Electronics BDS102H Datasheet HTML 2Page - Holland Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change at
Amphenol Broadband Solutions discretion
amphenolbroadband.com | ABS: 800-677-2288 | LATAM: 805-339-9060 | Toll Free: 800-628-4511
DS-65-0156 Rev. 1.1
Description:
Zinc die cast housing and fully soldered back ensure the best
electrical performance in a variety of splitter types and outputs.
Precisely engineered electrical components and materials
guarantee peak performance in every condition, location and
environment. Broadband digital splitters are designed to meet
the highest technical performance in the broadband industry.
Trust your network with the Amphenol Broadband Solutions
Digital Splitter.
Vertical True Flex™/Horizontal Splitters
Model BDS100H/VF
Broadband Digital Splitter Series
Features & Benefits:
• 1 GHz performance capabilities
• Available in Vertical True Flex™ or Horizontal Housings
• Built to SCTE standards
• Capacitive coupled F-ports prevent hum modulation
• UL Listed
• Machined F-ports pressure sealed
• Zinc die-cast housing and back cover
• Soldered back for EMI shielding effectiveness
Applications:
Premise, Multi-Dwelling Units (MDU) and Business.
BDS102H
BDS102VF


Similar Part No. - BDS102H

ManufacturerPart #DatasheetDescription
logo
Holland Electronics
BDS102FVF HOLLAND-BDS102FVF Datasheet
3Mb / 2P
Vertical True Flex™ Filtered Splitters Model BDS100FVF Broadband Digital Splitter Series
More results

Similar Description - BDS102H

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF3310 LODEV-LF3310 Datasheet
287Kb / 21P
Horizontal / Vertical Digital Image Filter
logo
List of Unclassifed Man...
STDLVA-90001 ETC2-STDLVA-90001 Datasheet
302Kb / 1P
BROADBAND DLVA MODEL
logo
LOGIC Devices Incorpora...
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
Horizontal / Vertical Digital Image Filter
logo
Integrated Device Techn...
ZSPM1025C IDT-ZSPM1025C Datasheet
1Mb / 38P
True Digital PWM Controller
ZSPM1363 IDT-ZSPM1363 Datasheet
58Kb / 2P
True Digital PWM
logo
API Technologies Corp
1507R APITECH-1507R Datasheet
538Kb / 1P
Broadband Resistive Power Splitter
1534 APITECH-1534 Datasheet
519Kb / 1P
Broadband Resistive Power Splitter
1579 APITECH-1579 Datasheet
519Kb / 1P
Broadband Resistive Power Splitter
1593 APITECH-1593 Datasheet
511Kb / 1P
Broadband Resistive Power Splitter
1870A APITECH-1870A Datasheet
516Kb / 1P
Broadband Resistive Power Splitter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com